Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL150DK1-ACF1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCL150DK1-ACF1
Description  6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCL150DK1-ACF1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCL150DK1-ACF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCL150DK1-ACF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Housing
18 gauge steel housing with a tan epoxy powder coat
finish.
Knockouts provided for mounting up to three lamp
heads.
The suggested lamp head is the “D” Series round
sealed beam Par 36 tungsten. To order lamp heads
other than the suggested “D” head, refer to Chloride
Accessories Section..
Self-Diagnostics
The ACCU-TEST Self-Diagnostics option conducts
automatic and manual tests, and indicates real time
status of the lamp, battery and charger via LED indica-
tor lamps. Automatic tests include: Systems analysis
every 10 seconds, with actual load tests performed for
a 3 minute duration every 30 days. A manual tests is
available from 1 to 90 minutes.
Battery
Low maintenance, free electrolyte, wet cell, lead calci-
um battery.
Standard sustained emergency operation is for 90
minutes with the illumination source providing full
light output.
The suggested operating temperature range for lead
calcium batteries is 65°F (19°C) to 85°F (30°C) and
should provide a service life of 5 years.
Performance
Input power requirements
120 VAC - 0.66 amps, 80 watts
277 VAC - 0.30 amps, 80 watts
Code Compliance
The CCL/TCL Series meets or exceeds all performance
standards as required by UL 924, NFPA 70, NFPA 101,
NEC and OSHA.
Specification Data for CCL/TCL Series Steel Emergency Lighting Units
Suggested Specification
Furnish and install Chloride Systems emergency lighting unit model ________. The unit shall be constructed to meet Underwriter’s Laboratories, Inc. Standard #924
and the National Electrical Code (NEC).
INSTALLATION AND OPERATION - Unit shall be easily field connected to a 120 or 277 VAC, 60 hertz, unswitched power source. Installation must comply with the
NEC as well as other applicable codes. Upon utility power failure or brownout, the unit shall automatically transfer to battery power and maintain the required illumina-
tion level for a minimum period of 90 minutes. Upon restoration of utility power, the charger shall restore the battery to full charge within UL 924 requirements follow-
ing a rated discharge of not more than 90 minutes.
CHARGER - Product shall utilize a fully automatic, voltage regulated, two-rate current limited solid-state charger. The charging system shall maintain the battery at
full capacity without the need for periodic exercising or equalization. The following features shall be standard: Low voltage disconnect (LVD), brownout protection and
AC lockout.
BATTERY - The battery shall be a low maintenance, free electrolyte, wet cell, lead calcium battery. The lead calcium battery shall provide trouble-free operation in
temperatures up to 85°F (30°C).
HOUSING - The unit housing shall be constructed of 18 gauge steel with a tan epoxy powder coat finish.
Chloride Systems
ISO 9001
A2528
C1063R4
9/02 IH
272 West Stag Park Service Road Burgaw NC 28425
Telephone: (910) 259 1000 Facsimile: (800) 258 8803
www.chloridesys.com
Lamp Head Photometrics
(For DL, suggested head for CCL)
(For DK, suggested head for TCL)
Operation
DC
Suggested
Watts to 8712
Voltage
Unit
Lamp Head
of Rated Voltage*
112 hrs. 2 hrs. 4 hrs. 8 hrs.
6
CCL75
DL
75
56
28.5
15
CCL100
DL
100
75
38
20
CCL150
DL
150
112.5
57
30
CCL225
DL
225
169
85.5
45
12
TCL150
DK
150
112.5
57
30
TCL200
DK
200
150
96
34
TCL300
DK
300
225
114
60
TCL450
DK
450
337.5
171
90
Electronics
120/277 VAC dual voltage input with surge-protect-
ed, solid-state charging circuitry provides for a
reliable charging system. The charging system is
furnished with low voltage disconnect, AC lockout,
brownout protection, AC indicator lamp and test
switch.
The low voltage disconnect (LVD) feature will dis-
connect the battery prior to an unacceptable deep
discharge, but not before the required 90 minute
emergency operation.
The AC lockout feature prevents battery drain prior to
the initial energizing of utility power, and allows the
installer to complete all wiring and electrical connec-
tions without energizing the emergency circuit.
The brownout protection circuitry will automatically
switch the unit into the emergency mode if the utility
voltage sags below 20% of nominal.
Battery charging circuitry is entirely solid-state, and
utilizes a fully automatic, voltage regulated charger.
Battery recharge time after full discharge is less than
the required UL 924 standard.
Line sensitive electronics cause an instantaneous
transfer to battery power if utility power is lost, or a
brownout condition is detected. When line voltage is
present and stabilized, the transfer circuitry switches
back to normal operation and begins recharging the
battery. The transfer circuitry can be tested via a
momentary test switch located on the housing.
Vertical
20
30
50
10
0
Up 20
10
feet 0
10
Down 20
.2
.1
40
60
70
.3
1
.5
Horizontal
20
30
50
10
0
Left 20
10
feet 0
10
Right 20
.2
.1
40
60
70
.3
1
.5
20
30
50
10
0
Up 20
10
feet 0
10
Down 20
Photometric No. 3
40
60
70
80
1
.3
.2
.1
.5
Horizontal
20
30
50
10
0
Left 30
10
feet 0
10
20
Right 30
1
.3
.2
.1
20
.5
40
60
70
80


Similar Part No. - TCL150DK1-ACF1

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
TCL1584-3.3CAB TELCOM-TCL1584-3.3CAB Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
TCL1584-3.3CEB TELCOM-TCL1584-3.3CEB Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
TCL1584-ADJCAB TELCOM-TCL1584-ADJCAB Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
TCL1584-ADJCEB TELCOM-TCL1584-ADJCEB Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results

Similar Description - TCL150DK1-ACF1

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HR1224WF2F1 CSB-BATTERY-HR1224WF2F1 Datasheet
661Kb / 2P
   Battery - 12 Volt 24Watts/Cell 6.4Amp Hour
logo
Aeroflex Circuit Techno...
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
LTC6811-1 AD-LTC6811-1_V01 Datasheet
4Mb / 92P
   12-Cell Battery Stack Monitors
Rev. C
logo
List of Unclassifed Man...
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
   Universal Button Cell Battery Volt Tester Checker
logo
PowerDynamics, Inc
PDSN-26-1A POWERDYNAMICS-PDSN-26-1A Datasheet
51Kb / 1P
   6 CELL TYPE C BATTERY HOLDER
PDSN-16-1A POWERDYNAMICS-PDSN-16-1A Datasheet
47Kb / 1P
   6 CELL TYPE D BATTERY HOLDER
PDSN-36-2A POWERDYNAMICS-PDSN-36-2A Datasheet
51Kb / 1P
   6 CELL TYPE AA BATTERY HOLDER
logo
Aeroflex Circuit Techno...
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com