Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL200DK1-ACF1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCL200DK1-ACF1
Description  6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCL200DK1-ACF1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCL200DK1-ACF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCL200DK1-ACF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACCESSORIES
LMSHELF = Mounting Shelf 300-450W
MXSHELF = Mounting Shelf 72-200W
C1063R4
9/02 IH
General Description
The CCL/TCL Series provides functional emer-
gency lighting in a variety of wattages up to 450
watts. High performance electronics and rugged
18 gauge steel construction ensure long-term life
safety reliability.
Illumination
Illumination is accomplished with up to three
lamp heads mounted on the top of the unit. The
most popular lamp head for use with the CCL/TCL
Series is the “D” Series round sealed beam Par 36
tungsten lamp head. The “D” head is available up
to 30 watts.
CCL/TCL Series
High Capacity Steel Emergency Lighting Units
6 and 12 Volt, 75 to 450 Watts
Wet Cell Lead Calcium Battery
Housing
Constructed of 18 gauge steel with a tan epoxy powder
coat finish.
Knockouts provided for mounting up to three lamp
heads.
Bi-color LED charge monitor/indicator and a “press-to
test” switch are located on the front of the cabinet.
Choice of wedge base, sealed beam tungsten, or halogen
lamp heads
Electronics
120/277 VAC dual voltage input with surge-protected,
solid-state circuitry provides for a reliable charging
system.
Charging system is complete with low voltage
disconnect, AC lockout, brownout protection,
AC indicator lamp and test switch.
Includes two fused output circuits.
Utilizes a fully automatic voltage regulated two-rate cur-
rent limited solid-state charger -- initially provides a high
rate charge upon restoration of AC power, and provides
trickle charge to maintain batteries at full capacity once
float voltage is attained.
Optional ACCU-TEST Self Diagnostics includes an auto-
matic 3 minute discharge test every 30 days. A manual
test is available from 1 to 90 minutes.
Warranty
Three year full electronics warranty
One year full plus four year prorated battery warranty
Battery
Low maintenance, free electrolyte, wet cell, lead
calcium battery
Specific gravity disk indicators show relative state
charge at a glance
Operating temperature range of battery is 65°F
(19°C)
to 85°F (30°C)
Battery supplies 90 minutes of emergency power
Code Compliance
UL 924 listed
NFPA 101
NEC BOCA and OSHA illumination standard
Performance
Input power requirements
120 VAC - 0.66 amps, 80 watts
277 VAC - 0.30 amps, 80 watts
Dimensions
TYPE:
CATALOG NO.:
Shown: CCL150DL2
Ordering Information
SERIES
DC
LAMP
# OF
FACTORY INSTALLED
WATTAGE
HEADS
HEADS
OPTIONS 1
CCL = 6 Volt
6 Volt
6 Volt
3 = Three
A = Ammeter 2
TCL = 12 Volt
75 = 75 Watts
DY = 8 Watt, Tungsten
2 = Two
ACF1 = 120 VAC Fuse
100 = 100 Watts
DA = 18 Watt, Tungsten
1 = One
ACF2 = 277 VAC Fuse
150 = 150 Watts
DL = 25 Watt, Tungsten
ACP1 = 120 VAC Power Switch
225 = 225 Watts
DC = 30 Watt, Tungsten
ACP2 = 277 VAC Power Switch
AD = ACCU-TEST Self-Diagnostics
12 Volt (Includes standard voltmeter)
12 Volt
ADAL = ACCU-TEST with Alarm
150 = 150 Watt
DNY = 12 Watt, Tungsten
ADTD = ACCU-TEST with Time Delay 3
200 = 200 Watt
DE = 28 Watt, Tungsten
DCP = DC Power Switch
300 = 300 Watt
DK = 25 Watt, Tungsten
EX = Special Input Transformer (Specify voltage and frequency)
450 = 450 Watt
DG = 30 Watt, Tungsten
TD1 = 120 VAC Time Delay 3
TTD2 = 277 VAC Time Delay 3
(Suggested lamp heads listed
V = Voltmeter 2
above. Refer to the Accessories Section for
W = White Housing
additional lamp head choices.)
CCL
150
DL
2
TD1
16.0”
(40.6 cm)
TCL300, TCL450
CCL75, CCL100, CCL150, CCL225,
TCL150, TCL200
6.0”
(15.2 cm)
7.6”
(19.3 cm)
12.0”
(30.5 cm)
27.0”
(12.7 cm)
6.0”
(15.2 cm)
7.6”
(19.3 cm)
12.0”
(30.5 cm)
Notes:
1) Some option combinations may impact UL list-
ing. consult factory for specifics.
2) Not available witj AD, ADAL, or ADTD options.
3) 15 minute delay.


Similar Part No. - TCL200DK1-ACF1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCL TRACOPOWER-TCL Datasheet
439Kb / 6P
   TCL Series, 24 to 240 Watt
Rev. September 20, 2021
logo
Exxelia Group
TCL EXXELIA-TCL Datasheet
793Kb / 18P
   High Voltage Varnished Leaded Capacitors
02/21
logo
TRACO Electronic AG
TCL-012-124-DC TRACOPOWER-TCL-012-124-DC Datasheet
321Kb / 3P
   TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-105 TRACOPOWER-TCL-024-105 Datasheet
439Kb / 6P
   TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-024-105-DC TRACOPOWER-TCL-024-105-DC Datasheet
321Kb / 3P
   TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
More results

Similar Description - TCL200DK1-ACF1

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HR1224WF2F1 CSB-BATTERY-HR1224WF2F1 Datasheet
661Kb / 2P
   Battery - 12 Volt 24Watts/Cell 6.4Amp Hour
logo
Aeroflex Circuit Techno...
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
LTC6811-1 AD-LTC6811-1_V01 Datasheet
4Mb / 92P
   12-Cell Battery Stack Monitors
Rev. C
logo
List of Unclassifed Man...
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
   Universal Button Cell Battery Volt Tester Checker
logo
PowerDynamics, Inc
PDSN-26-1A POWERDYNAMICS-PDSN-26-1A Datasheet
51Kb / 1P
   6 CELL TYPE C BATTERY HOLDER
PDSN-16-1A POWERDYNAMICS-PDSN-16-1A Datasheet
47Kb / 1P
   6 CELL TYPE D BATTERY HOLDER
PDSN-36-2A POWERDYNAMICS-PDSN-36-2A Datasheet
51Kb / 1P
   6 CELL TYPE AA BATTERY HOLDER
logo
Aeroflex Circuit Techno...
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com