Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27024SZ-HB Datasheet(PDF) 7 Page - International Rectifier

Part # AFL27024SZ-HB
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27024SZ-HB Datasheet(HTML) 7 Page - International Rectifier

Back Button AFL27024SZ-HB Datasheet HTML 3Page - International Rectifier AFL27024SZ-HB Datasheet HTML 4Page - International Rectifier AFL27024SZ-HB Datasheet HTML 5Page - International Rectifier AFL27024SZ-HB Datasheet HTML 6Page - International Rectifier AFL27024SZ-HB Datasheet HTML 7Page - International Rectifier AFL27024SZ-HB Datasheet HTML 8Page - International Rectifier AFL27024SZ-HB Datasheet HTML 9Page - International Rectifier AFL27024SZ-HB Datasheet HTML 10Page - International Rectifier AFL27024SZ-HB Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.irf.com
7
AFL50XXS Series
A conservative aid to estimating the total heat sink surface
area (AHEAT SINK) required to set the maximum case temp-
erature rise (
∆T) above ambient temperature is given by
the following expression:
A HEAT SINK
T
P
80
30
085
143
.
.
.
where
∆T
PP
Eff
OUT
=
==
Case temperature rise above ambient
Device dissipation in Watts
1
1
T = 85 - 25 = 60°C
and the required heat sink area is
If the worst case full load efficiency for this device is 83%;
then the power dissipation at full load is given by
Because of the incorporation of many innovative techno-
logical concepts, the AFL series of converters is capable of
providing very high output power from a package of very
small volume. These magnitudes of power density can only
be obtained by combining high circuit efficiency with effec-
tive methods of heat removal from the die junctions. This
requirement has been effectively addressed inside the de-
vice; but when operating at maximum loads, a significant
amount of heat will be generated and this heat must be
conducted away from the case. To maintain the case tem-
perature at or below the specified maximum of 125°C, this
heat must be transferred by conduction to an appropriate
heat dissipater held in intimate contact with the converter
base-plate.
When operating in the shared mode, it is important that
symmetry of connection be maintained as an assurance of
optimum load sharing performance. Thus, converter out-
puts should be connected to the load with equal lengths of
wire of the same gauge and sense leads from each con-
verter should be connected to a common physical point,
preferably at the load along with the converter output and
return leads. All converters in a paralleled set must have
their share pins connected together. This arrangement is
diagrammatically illustrated in Figure III. showing the out-
puts and return pins connected at a star point which is
located close as possible to the load.
As a consequence of the topology utilized in the current
sharing circuit, the share pin may be used for other func-
tions. In applications requiring only a single converter, the
voltage appearing on the share pin may be used as a “cur-
rent monitor”. The share pin open circuit voltage is nomi-
nally +1.00v at no load and increases linearly with increas-
ing output current to +2.20v at full load.
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
Thermal Considerations
Since the effectiveness of this heat transfer is dependent
on the intimacy of the baseplate/heatsink interface, it is
strongly recommended that a high thermal conductivity heat
transferring medium is inserted between the baseplate and
heatsink. The material most frequently utilized at the fac-
tory during all testing and burn-in processes is sold under
the trade name of Sil-Pad
 4001 . This particular product is
an insulator but electrically conductive versions are also
available. Use of these materials assures maximum sur-
face contact with the heat dissipater thereby compensating
for any minor surface variations. While other available types
of heat conductive materials and thermal compounds pro-
vide similar effectiveness, these alternatives are often less
convenient and can be somewhat messy to use.
As an example, it is desired to maintain the case tempera-
ture of an AFL5015S at
≤ +85°C while operating in an open
area whose ambient temperature is held at a constant +25°C;
then
Thus, a total heat sink surface area (including fins, if any) of
71 in2 in this example, would limit case rise to 60°C above
ambient. A flat aluminum plate, 0.25" thick and of approxi-
mate dimension 4" by 9" (36 in2 per side) would suffice for
this application in a still air environment. Note that to meet
the criteria in this example, both sides of the plate require
unrestricted exposure to the ambient air.
()
P
=•
=•
=
120
1
83
1
120
0 205
24 6
.
.. W
A
=
60
80 24.6
in
HEAT SINK
0.85
−=
−143
2
30
71
.
.


Similar Part No. - AFL27024SZ-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27028S IRF-AFL27028S Datasheet
458Kb / 16P
   270V Input, Single Output
AFL27028S IRF-AFL27028S Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SWES IRF-AFL27028SWES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SWHB IRF-AFL27028SWHB Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SXES IRF-AFL27028SXES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27024SZ-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com