Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4264-2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4264-2
Description  5-V Low-Drop Fixed-Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264-2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4264-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4264-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TLE 4264-2
Data Sheet Rev. 2.3
6
2002-12-21
Characteristics
V
I = 13.5 V; – 40
°C ≤ T
j
≤ 125 °C, unless specified otherwise
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.
Output voltage
V
Q
4.85
5.0
5.15
V
5 mA
I
Q
≤ 100 mA
6V
V
I
≤ 21 V
Output voltage
V
Q
4.9
5.0
5.1
V
5 mA
I
Q
≤ 50 mA
9V
V
I
≤ 16 V
Output-current
limiting
I
Q
150
200
500
mA
Current consumption
I
q = II IQ
I
q
40
60
µA
I
Q = 100 µA,
T
j
≤ 85 °C
40
70
µA
I
Q = 100 µA,
Current consumption
I
q = II IQ
I
q
1.7
4
mA
I
Q = 50 mA
Drop voltage
V
dr
0.22
0.5
V
I
Q = 100 mA
1)
Load regulation
V
Q, lo
50
90
mV
I
Q = 1 to 100 mA
V
I = 13.5 V
Line regulation
V
Q, li
530
mV
V
I = 6 to 28 V
I
Q = 1 mA
Power Supply
Ripple Rejection
PSRR
68
dB
f
r = 100 Hz
V
r = 0.5 V
PP
Output Capacitor
C
Q
10
––
µF
ESR
≤ 4 Ω at 10kHz
1)
Drop voltage = VI – VQ (measured where VQ has dropped 100 mV from the nominal value obtained at VI =
13.5 V)


Similar Part No. - TLE4264-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4264-2 INFINEON-TLE4264-2 Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264-2G INFINEON-TLE4264-2G Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
More results

Similar Description - TLE4264-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com