Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C46D Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS93C46D
Description  1-KBIT SERIAL ELECTRICALLY ERASABLE PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46D Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS93C46D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. 00G
01/15/07
IS93C46D
Write All (WRALL)
The write all (WRALL) instruction programs all registers with
the data pattern specified in the instruction. As with the
WRITE instruction, the falling edge of CS must occur to
initiate the self-timed programming cycle. If CS is then
brought HIGH after a minimum wait of 200 ns (tCS), the DOUT
pin indicates the READY/
BUSY status of the chip (see
Figure 6). Vcc is required to be above 4.5V for WRALL to
function properly.
Write Disable (WDS)
The write disable (WDS) instruction disables all programming
capabilities. This protects the entire device against acci-
dental modification of data until a WEN instruction is
executed. (When Vcc is applied, this part powers up in the
write disabled state.) To protect data, a WDS instruction
should be executed upon completion of each programming
operation.
Erase Register (ERASE)
After the erase instruction is entered, CS must be brought
LOW. The falling edge of CS initiates the self-timed internal
programming cycle. Bringing CS HIGH after a minimum of
tCS, will cause DOUT to indicate the READ/
BUSY status of the
chip: a logical “0” indicates programming is still in progress;
a logical “1” indicates the erase cycle is complete and the
part is ready for another instruction (see Figure 8).
Erase All (ERAL)
Full chip erase is provided for ease of programming. Erasing
the entire chip involves setting all bits in the entire memory
array to a logical “1” (see Figure 9). Vcc is required to be
above 4.5V for ERAL to function properly.
Write Enable (WEN)
The write enable (WEN) instruction must be executed
before any device programming (WRITE, WRALL, ERASE,
and ERAL) can be done. When Vcc is applied, this device
powers up in the write disabled state. The device then
remains in a write disabled state until a WEN instruction is
executed. Thereafter, the device remains enabled until a
WDS instruction is executed or until Vcc is removed. (See
Figure 4.) (Note: Chip select must remain LOW until Vcc
reaches its operational value.)
Write (WRITE)
The WRITE instruction includes 8 or 16 bits of data to be
written into the specified register. After the last data bit has
been applied to DIN, and before the next rising edge of SK,
CS must be brought LOW. If the device is write-enabled,
then the falling edge of CS initiates the self-timed program-
ming cycle (see WEN).
If CS is brought HIGH, after a minimum wait of 200 ns (5V
operation) after the falling edge of CS (tCS) DOUT will indicate
the READY/
BUSY status of the chip. Logical “0” means
programming is still in progress; logical “1” means the
selected register has been written, and the part is ready for
another instruction (see Figure 5). The READY/
BUSY
status will not be available if: a) The CS input goes HIGH
after the end of the self-timed programming cycle, tWP; or b)
Simultaneously CS is HIGH, Din is HIGH, and SK goes
HIGH, which clears the status flag.
INSTRUCTION SET - IS93C46D (1Kb)
8-bit Organization
16-bit Organization
(ORG = GND)
(ORG = Vcc)
Instruction(2)
Start Bit
OP Code
Address (1)
Input Data
Address (1) Input Data
READ
1
10
(A6-A0)—
(A5-A0)—
WEN (Write Enable)
1
00
11xxxxx
11xxxx
WRITE
1
01
(A6-A0)(D7-D0)(A5-A0)(D15-D0)
WRALL (Write All Registers)
1
00
01xxxxx
(D7-D0)
01xxxx
(D15-D0)
WDS (Write Disable)
1
00
00xxxxx
00xxxx
ERASE
1
11
(A6-A0)—
(A5-A0)—
ERAL (Erase All Registers)
1
00
10xxxxx
10xxxx
Notes:
1. x = Don't care bit.
2. If the number of bits clocked-in does not match the number corresponding to a selected command, all extra trailing bits are ignored,
and WRITE, WRALL, ERASE, ERAL are also ignored, and READ, WEN, WDS are accepted.


Similar Part No. - IS93C46D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com