Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C46D-2DLI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS93C46D-2DLI
Description  1-KBIT SERIAL ELECTRICALLY ERASABLE PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C46D-2DLI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS93C46D-2DLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C46D-2DLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00G
01/15/07
IS93C46D
PIN CONFIGURATIONS
8-Pin JEDEC SOIC “GR”
PIN DESCRIPTIONS
CS
Chip Select
SK
Serial Data Clock
DIN
Serial Data Input
DOUT
Serial Data Output
ORG
Organization Select
NC
Not Connected
Vcc
Power
GND
Ground
instruction begins with a start bit of the logical “1” or
HIGH. Following this are the opcode (2 bits),
address field (6 or 7 bits), and data, if appropriate. The
clock signal may be held stable at any moment to
suspend the device at its last state, allowing clock-
speed flexibility. Upon completion of bus
communication, CS would be pulled LOW. The device
then would enter Standby mode if no internal
programming is underway.
Read (READ)
The READ instruction is the only instruction that outputs
serial data on the DOUT pin. After the read instruction and
address have been decoded, data is transferred from the
selected memory register into a serial shift register. (Please
note that one logical “0” bit precedes the actual 8 or 16-bit
output data string.) The output on DOUT changes during the
low-to-high transitions of SK (see Figure 3).
Low Voltage Read
The IS93C46D has been designed to ensure that data read
operations are reliable in low voltage environments. They
provide accurate operation with Vcc as low as 1.8V.
Auto Increment Read Operations
In the interest of memory transfer operation applications,
the IS93C46D has been designed to output a continuous
stream of memory content in response to a single read
operation instruction. To utilize this function, the system
asserts a read instruction specifying a start location ad-
dress. Once the 8 or 16 bits of the addressed register have
been clocked out, the data in consecutively higher address
locations is output. The address will wrap around continu-
ously with CS HIGH until the chip select (CS) control pin is
brought LOW. This allows for single instruction data dumps
to be executed with a minimum of firmware overhead.
Applications
The IS93C46D is very popular in many applications
which require low-power, low-density storage.
Applications using this device include industrial
controls, networking, and numerous other consumer
electronics.
Endurance and Data Retention
The IS93C46D is designed for applications requiring up to
1M programming cycles (WRITE, WRALL, ERASE and
ERAL). It provides 40 years of secure data retention without
power after the execution of 1M programming cycles.
Device Operations
The IS93C46D is controlled by a set of instructions
which are clocked-in serially on the Din pin. Before
each low-to-high transition of the clock (SK), the CS pin
must have already been raised to HIGH, and the Din
value must be stable at either LOW or HIGH. Each
1
2
3
4
8
7
6
5
CS
SK
DIN
DOUT
VCC
NC
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DIN
DOUT
VCC
NC
ORG
GND
8-Pin DIP
1
2
3
4
8
7
6
5
CS
SK
DIN
DOUT
VCC
NC
ORG
GND
(Top View)
8-pad DFN


Similar Part No. - IS93C46D-2DLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3G ISSI-IS93C46-3G Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GI ISSI-IS93C46-3GI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GR ISSI-IS93C46-3GR Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3GRI ISSI-IS93C46-3GRI Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C46D-2DLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com