Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS556M-04I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS556M-04I
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556M-04I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS556M-04I Datasheet HTML 1Page - Integrated Circuit Systems ICS556M-04I Datasheet HTML 2Page - Integrated Circuit Systems ICS556M-04I Datasheet HTML 3Page - Integrated Circuit Systems ICS556M-04I Datasheet HTML 4Page - Integrated Circuit Systems ICS556M-04I Datasheet HTML 5Page - Integrated Circuit Systems ICS556M-04I Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS556-04
MDS 556-04 C
1
Revision 030905
Integrat ed Circuit Systems 525 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
LOW SKEW 1 TO 4 CLOCK BUFFER
Description
The ICS556-04 is a low-skew, crystal input compatible
clock buffer with oscillator. This device offers the lowest
skew.
See the ICS552-02 for a 1-to-8 low skew buffer. For
more than eight outputs see the MK74CBxxx BuffaloTM
series of clock drivers.
ICS makes many non-PLL and PLL-based low-skew
output devices. Contact ICS for all of your clocking
needs.
Features
Extremely low-skew outputs (50 ps maximum)
Packaged in 8-pin SOIC
Operating voltages of 2.5 to 5.0 V
Low-power CMOS technology
Industrial temperature range
Available in Pb (lead) free package
Block Diagram
Q0
Q1
Q2
Q3
X1/ICLK
X2
5 to 27 MHz
Crystal or clock
Crystal
Oscillator/
Buffer
Optional crystal
capacitors


Similar Part No. - ICS556M-04I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
   BROADCOM 25 MHZ LVDS CLOCK
ICS556-03 ICST-ICS556-03 Datasheet
163Kb / 8P
   QUAD LVDS OSCILLATOR/BUFFER
ICS556-03I ICST-ICS556-03I Datasheet
163Kb / 8P
   QUAD LVDS OSCILLATOR/BUFFER
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS556G-01 ICST-ICS556G-01 Datasheet
144Kb / 6P
   BROADCOM 25 MHZ LVDS CLOCK
More results

Similar Description - ICS556M-04I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com