Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS601G-21T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS601G-21T
Description  LOW PHASE NOISE CLOCK MULTIPLIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601G-21T Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS601G-21T Datasheet HTML 1Page - Integrated Circuit Systems ICS601G-21T Datasheet HTML 2Page - Integrated Circuit Systems ICS601G-21T Datasheet HTML 3Page - Integrated Circuit Systems ICS601G-21T Datasheet HTML 4Page - Integrated Circuit Systems ICS601G-21T Datasheet HTML 5Page - Integrated Circuit Systems ICS601G-21T Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 601-21 H
6
Revision 040204
In te grat ed Circui t Syste ms l 525 Ra ce St ree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.com
ICS601-21
Package Outline and Package Dimensions (16-pin TSSOP, 173 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those
requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant
any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping
packaging
Package
Temperature
ICS601G-21
ICS601G-21
Tubes
16-pin TSSOP
0 to 70
° C
ICS601G-21T
ICS601G-21
Tape and Reel
16-pin TSSOP
0 to 70
° C
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS601G-21T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601G-01 ICST-ICS601G-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601G-01 ICST-ICS601G-01 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601G-01I ICST-ICS601G-01I Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601G-01ILF ICST-ICS601G-01ILF Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601G-01ILFT ICST-ICS601G-01ILFT Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results

Similar Description - ICS601G-21T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
121412
logo
Integrated Circuit Syst...
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
   LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Integrated Device Techn...
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com