Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650G-40A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650G-40A
Description  ETHERNET SWITCH CLOCK SOURCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650G-40A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650G-40A Datasheet HTML 1Page - Integrated Circuit Systems ICS650G-40A Datasheet HTML 2Page - Integrated Circuit Systems ICS650G-40A Datasheet HTML 3Page - Integrated Circuit Systems ICS650G-40A Datasheet HTML 4Page - Integrated Circuit Systems ICS650G-40A Datasheet HTML 5Page - Integrated Circuit Systems ICS650G-40A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS650-40A
MDS 650-40A B
1
121004
Integrat ed Circuit Systems 525 Race Street, San Jose, CA 951 26 tel (408 ) 297 -1201 www.icst.com
ETHERNET SWITCH CLOCK SOURCE
Description
The ICS650-40A is a clock chip designed for use as a
core clock in Ethernet Switch applications. Using ICS’
patented Phase-Locked Loop (PLL) techniques, the
device takes a 25 MHz crystal input and produces
various output clock frequencies as listed in Output
Select Table.
Features
Packaged in 16-pin TSSOP
Operating voltage of 3.3 V
Low power consumption
Input frequency of 25 MHz
Low long-term jitter
Separate supply voltage for clock outputs (2.5 / 3.3 V
clock outputs)
OE control capability
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
2
4
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
OE
S1:S0
CLKA
2
CLKA
Optional tuning crystal
capacitors
VDDOB
VDDOA
CLKB


Similar Part No. - ICS650G-40A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650G-40 ICST-ICS650G-40 Datasheet
152Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
ICS650G-40LF ICST-ICS650G-40LF Datasheet
152Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
ICS650G-40LFT ICST-ICS650G-40LFT Datasheet
152Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
ICS650G-40T ICST-ICS650G-40T Datasheet
152Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
More results

Similar Description - ICS650G-40A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
logo
Integrated Circuit Syst...
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
   Fast Ethernet Clock Source
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
   Fast Ethernet Clock Source
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com