Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3530F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BD3530F
Description  DDR-SDRAM Termination Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BD3530F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BD3530F Datasheet HTML 1Page - List of Unclassifed Manufacturers BD3530F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings(Ta=25˚C)
Input voltage
Power dissipation 2
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
1 Should not exceed Pd.
2 Reduced by 4.48mW for each increase in Ta of 1˚C over 25˚C(With no heat sink).
3 Reduced by 5.52mW for each increase in Ta of 1˚C over 25˚C(PCB(70mm×70mm×1.6mm)glass epoxy mounting.)
VCC
Pd 2
Topr
Tstg
690
+100
+150
-10
-55
mW
˚C
˚C
V
Termination input voltage
VTT_IN
V
VDDQ reference voltage
VDDQ
7
V
3
Power dissipation 1
Pd1
560
mW
2
1
7
1
7
1
BD3530F
DDR-SDRAM Termination Regulator
BD3530F is a regulator developed as termination
power supply of standard DDR-SDRAM that is
used for PC.
Industry's highest speed of transient response
characteristic is realized. The built-in FET can sink
and source load current of 3A(max.)
Waveform quality when data is transferred at high
speed can't be deteriorated.
BD3530F meets the bus line standards SSTL-2 of
DDR-SDRAM.
High-reliability can be realized for any applications
using DDR-SDRAM.
Description
Dimension (Unit : mm)
1) Built-in push-pull regulator for termination(VTT)
2) Built-in reference voltage circuit(VREF)
3) Built-in enable function
4) Built-in under voltage lock out circuit
5) Package SOP8
6) Built-in thermal shut down circuit
Features
Note personal computer, Desktop personal computer
Applications
SOP8
0.15
±0.1
0.4
±0.1
5.0
±0.2
8
5
4
1
1.27
0.1


Similar Part No. - BD3530F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3531F ROHM-BD3531F Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F-E2 ROHM-BD3531F-E2 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD3530F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com