Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85211BMI-03LNT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85211BMI-03LNT
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85211BMI-03LNT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85211BMI-03LNT Datasheet HTML 1Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 2Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 3Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 4Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 5Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 6Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 7Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 8Page - Integrated Circuit Systems ICS85211BMI-03LNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
85211BMI-03
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 15, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85211BI-03
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
GENERAL DESCRIPTION
The ICS85211BI-03 is a low skew, high perfor-
mance 1-to-2 Differential-to-LVHSTL Fanout
Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The CLK, nCLK pair can accept most
standard differential input levels.The ICS85211BI-03 is char-
acterized to operate from a 3.3V power supply. Guar-
anteed output and par t-to-par t skew character istics
make the ICS85211BI-03 ideal for those clock distribu-
tion applications demanding well defined performance
and repeatability.
FEATURES
• Two differential LVHSTL compatible outputs
• One differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Translates any single-ended input signal to
LVHSTL levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.3ns (maximum)
• Output duty cycle: 49% - 51% up to 266.6MHz
• V
OH = 1.15V (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS85211BI-03
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
VDD
CLK
nCLK
GND
8
7
6
5
Q0
nQ0
Q1
nQ1
CLK
nCLK


Similar Part No. - ICS85211BMI-03LNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85211AMI ICST-ICS85211AMI Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211AMI-01 ICST-ICS85211AMI-01 Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LF ICST-ICS85211AMI-01LF Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LFT ICST-ICS85211AMI-01LFT Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01T ICST-ICS85211AMI-01T Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results

Similar Description - ICS85211BMI-03LNT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
logo
Integrated Circuit Syst...
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211I-03 ICST-ICS85211I-03 Datasheet
107Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
   Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com