Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1163 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1163
Description  9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1163 Datasheet(HTML) 1 Page - Analog Devices

  HMC1163 Datasheet HTML 1Page - Analog Devices HMC1163 Datasheet HTML 2Page - Analog Devices HMC1163 Datasheet HTML 3Page - Analog Devices HMC1163 Datasheet HTML 4Page - Analog Devices HMC1163 Datasheet HTML 5Page - Analog Devices HMC1163 Datasheet HTML 6Page - Analog Devices HMC1163 Datasheet HTML 7Page - Analog Devices HMC1163 Datasheet HTML 8Page - Analog Devices HMC1163 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9.65 GHz to 10.41 GHz MMIC VCO with Half
Frequency Output
Data Sheet
HMC1163
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual output frequency range
fOUT = 9.65 GHz to 10.41 GHz
fOUT/2 = 4.825 GHz to 5.205 GHz
Output power (POUT): 11 dBm
Single-sideband (SSB) phase noise: −114 dBc/Hz at 100 kHz
No external resonator needed
RoHS compliant, 5 mm × 5 mm, 32-lead LFCSP: 25 mm²
APPLICATIONS
Point to point and multipoint radios
Test equipment and industrial controls
Very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
17
1
3
4
2
NC
NC
NC
NC
5
6
GND
NC
7
NC
8
NC
NC
18 NC
19 RFOUT
20 NC
21 VCC
22 NC
23 NC
24 NC
HMC1163
Figure 1.
GENERAL DESCRIPTION
The HMC1163 is a monolithic microwave integrated circuit
(MMIC), voltage controlled oscillator (VCO) that integrates a
resonator, a negative resistance device, and a varactor diode,
and features a half frequency output.
Because of the monolithic construction of the oscillator, the
output power and phase noise performance are excellent over
temperature.
The output power is 11 dBm typical from a 5 V supply voltage.
The VCO is housed in a RoHS compliant LFCSP and requires
no external matching components.


Similar Part No. - HMC1163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
   12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
   12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
HMC1166 AD-HMC1166 Datasheet
270Kb / 12P
   11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
   12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com