Electronic Components Datasheet Search |
|
HMC1163 Datasheet(PDF) 12 Page - Analog Devices |
|
HMC1163 Datasheet(HTML) 12 Page - Analog Devices |
12 / 12 page HMC1163 Data Sheet Rev. 0 | Page 12 of 12 PACKAGING AND ORDERING INFORMATION OUTLINE DIMENSIONS 1 0.50 BSC BOTTOM VIEW TOP VIEW PIN 1 INDICATOR 32 9 16 17 24 25 8 EXPOSED PAD PIN 1 INDICATOR SEATING PLANE 0.05 MAX 0.02 NOM 0.20 REF COPLANARITY 0.08 0.30 0.25 0.18 5.10 5.00 SQ 4.90 1.00 0.90 0.80 FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. 0.45 0.40 0.35 0.20 MIN 3.80 3.65 SQ 3.50 COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-4. 3.50 REF Figure 18. 32-Lead Lead Frame Chip Scale Package [LFCSP] 5 mm × 5 mm Body and 0.90 mm Package Height (HCP-32-1) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range MSL Rating2 Package Description Package Option Qty. Branding3 HMC1163LP5E −40°C to +85°C MSL3 32-Lead LFCSP HCP-32-1 XXXX H1163 HMC1163LP5ETR −40°C to +85°C MSL3 32-Lead LFCSP, 7”Tape and Reel HCP-32-1 500 XXXX H1163 EV1HMC1163LP5 Evaluation Board 1 The HMC1163LP5E and HMC1163LP5ETR are RoHS compliant parts. 2 See the Absolute Maximum Ratings section, Table 2. 3 XXXX is a placeholder for the 4-digit lot number. ©2016 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D13871-0-3/16(0) |
Similar Part No. - HMC1163 |
|
Similar Description - HMC1163 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |