Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1163LP5ETR Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1163LP5ETR
Description  9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1163LP5ETR Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1163LP5ETR Datasheet HTML 4Page - Analog Devices HMC1163LP5ETR Datasheet HTML 5Page - Analog Devices HMC1163LP5ETR Datasheet HTML 6Page - Analog Devices HMC1163LP5ETR Datasheet HTML 7Page - Analog Devices HMC1163LP5ETR Datasheet HTML 8Page - Analog Devices HMC1163LP5ETR Datasheet HTML 9Page - Analog Devices HMC1163LP5ETR Datasheet HTML 10Page - Analog Devices HMC1163LP5ETR Datasheet HTML 11Page - Analog Devices HMC1163LP5ETR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
HMC1163
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The HMC1163 voltage controlled oscillator is a free running
voltage controlled frequency source. The output frequency is
controlled by applying a variable tune voltage to the VTUNE port.
Because VTUNE is varied from the lowest to the highest allowed
voltage, the VCO output frequency increases from the lowest to
the highest operating frequency. This VCO output frequency
change with the applied VTUNE input results in the VCO
frequency sensitivity characteristic (MHz/V). The VCO
frequency sensitivity is not constant and varies across the
tunable range.
The HMC1163 VCO is specified to cover the minimum to
maximum frequencies specified in this data sheet over the entire
specified temperature range, including the VCO frequency drift
(MHz/°C). In addition, for low phase noise operation, drive the
VTUNE port from a low noise voltage source. Excessive noise
on the VTUNE port results in poor phase noise performance.
The tune port modulation bandwidth is typically greater than
10 MHz.
To achieve optimum VCO phase noise performance when using
the HMC1163, it is important to use a low noise power supply
for VCC biasing. Because the VCO output frequency changes
with small changes in the VCC bias voltage (pushing), noise on
the VCC bias pin results in increased phase noise. Take care to
use low noise regulators, otherwise, bias line noise may corrupt
the low phase noise output of the HMC1163.
Internally, the radio frequency (RF) output frequency is
generated from a doubler circuit. This generation results in an
unwanted low level output signal present at half the RFOUT
frequency (RFOUT/2). If necessary, this undesired spurious signal
can be further filtered on the customer application board using a
filter. The RFOUT/2 output signal is available directly at the
RFOUT/2 port. The RFOUT/2 port commonly drives a phase-
locked loop (PLL)/ synthesizer for phase locking the HMC1163
output if needed.
Lastly, the HMC1163 RFOUT port incorporates an internal
buffer amplifier to provide good output matching. The internal
buffer amplifier also isolates the VCO core from the output load
and minimizes the VCO frequency change with the changes to
the output load impedance (pulling).


Similar Part No. - HMC1163LP5ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1163LP5ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
   12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
   12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
HMC1166 AD-HMC1166 Datasheet
270Kb / 12P
   11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
   12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com