Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1163LP5ETR Datasheet(PDF) 10 Page - Analog Devices

Part # HMC1163LP5ETR
Description  9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1163LP5ETR Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC1163LP5ETR Datasheet HTML 4Page - Analog Devices HMC1163LP5ETR Datasheet HTML 5Page - Analog Devices HMC1163LP5ETR Datasheet HTML 6Page - Analog Devices HMC1163LP5ETR Datasheet HTML 7Page - Analog Devices HMC1163LP5ETR Datasheet HTML 8Page - Analog Devices HMC1163LP5ETR Datasheet HTML 9Page - Analog Devices HMC1163LP5ETR Datasheet HTML 10Page - Analog Devices HMC1163LP5ETR Datasheet HTML 11Page - Analog Devices HMC1163LP5ETR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HMC1163
Data Sheet
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
The HMC1163 serves as the local oscillator (LO) in microwave
synthesizer applications. The primary applications are point to
point microwave radios, military, radars, test and measurement,
as well as industrial and medical equipment. The low phase
noise allows higher orders of modulation and offers improved bit
error rates in communication systems, whereas the linear,
monotonic tuning sensitivity allows a stable loop filter design. The
higher output power minimizes the gain required to drive
subsequent stages. The half frequency output reduces the input
frequency to the prescaler without the addition of residual
phase noise to the input of the phase-locked loop synthesizer.
SYNTH
REF
HOST
SCK
SDI
SEN
XREFP
VCO INPUT
VTUNE
RFOUT
RFOUT/2
LOOP
FILTER
CP
Figure 16. Typical Application Diagram


Similar Part No. - HMC1163LP5ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1163LP5ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
   12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
   12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
HMC1166 AD-HMC1166 Datasheet
270Kb / 12P
   11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
   12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com