Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85301AGLF Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS85301AGLF
Description  2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85301AGLF Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS85301AGLF Datasheet HTML 5Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 6Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 7Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 8Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 9Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 10Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 11Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 12Page - Integrated Circuit Systems ICS85301AGLF Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
85301AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 16, 2006
9
Integrated
Circuit
Systems, Inc.
ICS85301
2:1
DIFFERENTIAL-TO-LVPECL MULTIPLEXER
LVPECL CLOCK INPUT INTERFACE
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both V
SWING and VOH must meet the VPP
and V
CMR input requirements. Figures 2A to 2F show inter-
face examples for the HiPerClockS PCLK/nPCLK input driven
by the most common driver types. The input interfaces sug-
gested here are examples only. If the driver is from another
vendor, use their termination recommendation. Please con-
sult with the vendor of the driver component to confirm the
driver termination requirements.
FIGURE 2A. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY AN
OPEN COLLECTOR CML DRIVER
FIGURE 2B. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
BUILT-IN PULLUP CML DRIVER
FIGURE 2C. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER
FIGURE 2F.
HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVDS DRIVER
PCLK/nPCLK
2.5V
Zo = 60 Ohm
SSTL
HiPerClockS
PCLK
nPCLK
R2
120
3.3V
R3
120
Zo = 60 Ohm
R1
120
R4
120
2.5V
FIGURE 2E. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY AN
SSTL DRIVER
HiPerClockS
PCLK
nPCLK
PCLK/nPCLK
3.3V
R2
50
R1
50
3.3V
Zo = 50 Ohm
CML
3.3V
Zo = 50 Ohm
3.3V
HiPerClockS
PCLK
nPCLK
R2
84
R3
125
Input
Zo = 50 Ohm
R4
125
R1
84
LVPECL
3.3V
3.3V
Zo = 50 Ohm
FIGURE 2D. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER WITH AC COUPLE
3.3V
3.3V
CML Built-In Pullup
R1
100
PCLK
nPCLK
HiPerClockS
PCLK/nPCLK
Zo = 50 Ohm
Zo = 50 Ohm
R2
50
Zo = 50 Ohm
C1
R1
50
C2
PC L K /n PC LK
R5
100 - 200
Zo = 50 Ohm
R6
100 - 200
PCLK
nPCLK
VBB
3.3V LVPECL
3.3V
3.3V
LVDS
3.3V
Zo = 50 Ohm
3.3V
PCLK
nPCLK
VBB
R2
1K
C2
R1
1K
R5
100
C1
PC L K/n PC L K
Zo = 50 Ohm


Similar Part No. - ICS85301AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011BM ICST-ICS853011BM Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011BMLF ICST-ICS853011BMLF Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011BMLFT ICST-ICS853011BMLFT Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011BMT ICST-ICS853011BMT Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS85301AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Device Techn...
853S01 IDT-853S01 Datasheet
435Kb / 23P
   2:1 Differential-to-LVPECL Multiplexer
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
logo
Renesas Technology Corp
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
   2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com