Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2700CCCTUL Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APM2700CCCTUL
Description  Dual enhancement Mode MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2700CCCTUL Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APM2700CCCTUL Datasheet HTML 4Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 5Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 6Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 7Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 8Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 9Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 10Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 11Page - Anpec Electronics Coropration APM2700CCCTUL Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
8
APM2700C
Drain-Source On Resistance
-ID - Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
-VDS - Drain - Source Voltage (V)
Output Characteristics
Transfer Characteristics
-VGS - Gate - Source Voltage (V)
Typical Characteristics (Cont.)
0123
4
0
2
4
6
8
10
-4V
-2V
-3V
V
GS
= -5,-6,-7,-8,-9,-10V
01
2
3
4
0
1
2
3
4
5
6
T
j
=125
oC
T
j
=25
o
C
T
j
=-55
o
C
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
I
DS
=-250
µA
01
23
4
5
6
100
200
300
400
500
600
700
800
V
GS
= -2.5V
V
GS
= -4.5V
P-Channel


Similar Part No. - APM2700CCCTUL

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
APM2701 KEXIN-APM2701 Datasheet
208Kb / 8P
   Dual MOSFET
logo
Sinopower Semiconductor...
APM2701AC SINOPWER-APM2701AC Datasheet
208Kb / 15P
   Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
VBsemi Electronics Co.,...
APM2701AC VBSEMI-APM2701AC Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Sinopower Semiconductor...
APM2701ACC-TRG SINOPWER-APM2701ACC-TRG Datasheet
208Kb / 15P
   Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
VBsemi Electronics Co.,...
APM2701ACC-TRG VBSEMI-APM2701ACC-TRG Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Similar Description - APM2700CCCTUL

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HCT802 TTELEC-HCT802 Datasheet
249Kb / 3P
   Dual Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSG3110 SECOS-SSG3110 Datasheet
366Kb / 4P
   Dual- Enhancement Mode Power MOSFET
SDT2P03-C SECOS-SDT2P03-C Datasheet
516Kb / 4P
   Dual-P Enhancement Mode MOSFET
SDT3P02-C SECOS-SDT3P02-C Datasheet
399Kb / 4P
   Dual-P Enhancement Mode MOSFET
SGT6920NH SECOS-SGT6920NH_15 Datasheet
123Kb / 2P
   Dual-N Enhancement Mode MOSFET
SGT6920NH SECOS-SGT6920NH Datasheet
123Kb / 2P
   Dual-N Enhancement Mode MOSFET
logo
Stanson Technology
STC4516 STANSON-STC4516 Datasheet
962Kb / 9P
   Complementary Dual Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
   Dual-$ Enhancement Mode Power MOSFET
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com