Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813001AGILFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS813001AGILFT
Description  DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS813001AGILFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS813001AGILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 6Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 7Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 8Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 9Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 10Page - Integrated Circuit Systems ICS813001AGILFT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
813001AGI
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 2, 2005
7
Integrated
Circuit
Systems, Inc.
ICS813001I
DUAL VCXO W/3.3V, 2.5V LVPECL
FEMTOCLOCK™ PLL
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
PARAMETER MEASUREMENT INFORMATION
3.3V CORE/3.3V LVPECL OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
-1.3V±0.165V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
V
EE
3.3V CORE/2.5V LVPECL OUTPUT LOAD AC TEST CIRCUIT
RMS PHASE JITTER
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
DIFFERENTIAL INPUT LEVELS
SCOPE
Qx
nQx
LVPECL
2V
-0.5V ± 0.125V
V
EE
2.5V CORE/2.5V LVPECL OUTPUT LOAD AC TEST CIRCUIT
VCC,
VCCA,
VCCO
VCC,
VCCA,
VCCO
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q
nQ
SCOPE
Qx
nQx
LVPECL
2.8V±0.04V
-0.5V ± 0.125V
V
EE
VCC,
VCCA
VCCO
V
CMR
Cross Points
V
PP
V
CC
nCLK1
CLK1
V
EE
2V


Similar Part No. - ICS813001AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
   FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results

Similar Description - ICS813001AGILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
813001I RENESAS-813001I Datasheet
464Kb / 21P
   Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
   VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
logo
Integrated Device Techn...
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com