Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2805DY-CH Datasheet(PDF) 6 Page - International Rectifier

Part # AFL2805DY-CH
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2805DY-CH Datasheet(HTML) 6 Page - International Rectifier

Back Button AFL2805DY-CH Datasheet HTML 2Page - International Rectifier AFL2805DY-CH Datasheet HTML 3Page - International Rectifier AFL2805DY-CH Datasheet HTML 4Page - International Rectifier AFL2805DY-CH Datasheet HTML 5Page - International Rectifier AFL2805DY-CH Datasheet HTML 6Page - International Rectifier AFL2805DY-CH Datasheet HTML 7Page - International Rectifier AFL2805DY-CH Datasheet HTML 8Page - International Rectifier AFL2805DY-CH Datasheet HTML 9Page - International Rectifier AFL2805DY-CH Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
AFL50XXS Series
Figure III. Preferred Connection for Parallel Operation
Synchronization of Multiple Converters
Parallel Operation-Current and Stress Sharing
Internally, these ports differ slightly in their function. In use,
a low on Enable 1 completely shuts down all circuits in the
converter, while a low on Enable 2 shuts down the second-
ary side while altering the controller duty cycle to near zero.
Externally, the use of either port is transparent to the user
save for minor differences in idle current. (See specification
table).
When operating multiple converters, system requirements
often dictate operation of the converters at a common fre-
quency. To accommodate this requirement, the AFL series
converters provide both a synchronization input and out-
put.
The sync input port permits synchronization of an AFL co-
nverter to any compatible external frequency source oper-
ating between 500 and 700 KHz. This input signal should
be referenced to the input return and have a 10% to 90%
duty cycle. Compatibility requires transition times less th an
100 ns, maximum low level of +0.8 volts and a minimum
high
level of +2.0 volts. The sync output of another converter
which has been designated as the master oscillator pro-
vides a convenient frequency source for this mode of op-
eration. When external synchronization is not required, the
sync in pin should be left open (unconnected )thereby per-
mitting the converter to operate at its’ own internally set
frequency.
The sync output signal is a continuous pulse train set at
550 ±50 KHz, with a duty cycle of 15 ±5%. This signal is
referenced to the input return and has been tailored to be
compatible with the AFL sync input port. Transition times
are less than 100 ns and the low level output impedance is
less than 50 ohms. This signal is active when the DC input
voltage is within the specified operating range and the con-
verter is not inhibited. This output has adequate drive re-
serve to synchronize at least five additional converters.
A typical connection is illustrated in Figure III.
Figure III. illustrates the preferred connection scheme for
operation of a set of AFL converters with outputs operating
in parallel. Use of this connection permits equal sharing
among the members of a set whose load current exceeds
the capacity of an individual AFL. An important feaure of the
AFL series operating in the parallel mode is that in addition
to sharing the current, the stress induced by temperature
will also be shared. Thus if one member of a paralleled set
is operating at a higher case temperature, the current it
provides to the load will be reduced as compensation for
the temperature induced stress on that device.
Optional
Synchronization
Connection
Power
Input
(Other Converters)
Share Bus
1
6
AFL
7
12
- Sense
Enable 2
+ Vout
Return
+ Sense
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
1
6
AFL
7
12
- Sense
Enable 2
+ Vout
Return
+ Sense
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
1
6
AFL
7
12
- Sense
Enable 2
+ Vout
Return
+ Sense
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
to Load


Similar Part No. - AFL2805DY-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2805DY IRF-AFL2805DY Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2805DY/CH IRF-AFL2805DY/CH Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2805DY/CH IRF-AFL2805DY/CH Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2805DY/ES IRF-AFL2805DY/ES Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2805DY/ES IRF-AFL2805DY/ES Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AFL2805DY-CH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com