Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH375ZPLA Datasheet(PDF) 6 Page - Anachip Corp

Part # AH375ZPLA
Description  Single Phase Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH375ZPLA Datasheet(HTML) 6 Page - Anachip Corp

  AH375ZPLA Datasheet HTML 1Page - Anachip Corp AH375ZPLA Datasheet HTML 2Page - Anachip Corp AH375ZPLA Datasheet HTML 3Page - Anachip Corp AH375ZPLA Datasheet HTML 4Page - Anachip Corp AH375ZPLA Datasheet HTML 5Page - Anachip Corp AH375ZPLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AH375
Single Phase Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jan. 09, 2006
6/6
Package Information (Continued)
(2) Package Type: SOT23-3L
e
D
b(3x)
2(4x)
e1
2
1
3
1.45mm
0.8mm
( Sensing point )
1(4x)
L
VIEW C
L1
GAUGE PLANE
SEE VIEW C
θ
θ
θ
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
-
1.35
0.041
-
0.053
A1
0.05
-
0.15
0.002
-
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.50
0.010
-
0.020
C
0.08
-
0.20
0.003
-
0.008
D
2.70
2.90
3.00
0.106
0.114
0.118
E
1.50
1.60
1.70
0.059
0.063
0.067
HE
2.60
2.80
3.00
0.102
0.110
0.118
L
0.30
-
0.60
0.012
-
0.024
L1
0.50
0.60
0.70
0.020
0.024
0.028
M
0.73
0.78
0.83
0.029
0.031
0.033
e
1.80
1.90
2.00
0.071
0.075
0.079
e1
0.85
0.95
1.05
0.033
0.037
0.041
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ1
3
o
5
o
7
o
3
o
5
o
7
o
θ2
6
o
8
o
10
o
6
o
8
o
10
o


Similar Part No. - AH375ZPLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375Z-PL ANACHIP-AH375Z-PL Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375Z-PLA ANACHIP-AH375Z-PLA Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375Z-WL ANACHIP-AH375Z-WL Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375Z-WLA ANACHIP-AH375Z-WLA Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
More results

Similar Description - AH375ZPLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com