Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE84244-01 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE84244-01
Description  SPDT MOSFET RF SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE84244-01 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE84244-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE84244-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE84244-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE84244-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE84244-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE84244-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PE84244
Preliminary Specification
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 5 of 7
VDD
CNTL
GND
RFC
RF1
GND
GND
RF2
100 pF
Optional
100 pF
Optional
J2-7
J2-3
J1
J3
J4
J6
J8
Evaluation Kit Information
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE84244 SPDT switch. The RF common port is
connected through a 50Ω transmission line to the
top left SMA connector, J1. Port 1 and Port 2 are
connected through 50Ω transmission lines to the
top two SMA connectors on the right side of the
board, J3 and J4. A through transmission line
connects SMA connectors J6 and J8. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.030”, trace
gaps of 0.007”, dielectric thickness of 0.028”,
metal thickness of 0.0014” and εr of 4.4.
J2 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left
pin, the second pin to the right (J2-3) is connected
to the device CNTL input. The fourth pin to the
right (J2-7) is connected to the device VDD input.
A decoupling capacitor (100 pF) is provided on
both CNTL and VDD traces. It is the responsibility
of the customer to determine proper supply
decoupling for their design application. Removing
these components from the evaluation board has
not been shown to degrade RF performance.
Figure 12. Evaluation Board Layouts
Figure 13. Evaluation Board Schematic


Similar Part No. - PE84244-01

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
More results

Similar Description - PE84244-01

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com