Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE84244-00 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE84244-00
Description  SPDT MOSFET RF SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE84244-00 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE84244-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE84244-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE84244-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE84244-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE84244-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE84244-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 1 of 7
Product Description
Figure 1. Functional Schematic Diagram
RFCommon
RF1
RF2
CTRL
Figure 2. Package Type
8-lead
MSOP
Table 1. Electrical Specifications -55 °C to +125 °C, VDD = 3 V (ZS = ZL = 50 Ω)
Parameter
Conditions
Minimum
Typical
Maximum
Units
Operation Frequency
1
DC
3000
MHz
Insertion Loss
2000 MHz
0.7
0.95
dB
Isolation – RFCommon to
RF1/RF2
2000 MHz
25
28
dB
Isolation – RF1 to RF2
2000 MHz
24
27
dB
Return Loss
2000 MHz
18
25
dB
‘ON’ Switching Time
CTRL to 0.1 dB final value, 2 GHz
200
ns
‘OFF’ Switching Time
CTRL to 25 dB isolation, 2 GHz
90
ns
Video Feedthrough
2
15
mVpp
Input 1 dB Compression
2000 MHz
25
27
dBm
Input IP3
2000 MHz, 14dBm
40
42
dBm
Notes: 1. Device linearity will begin to degrade below 10 MHz.
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a
50 Ω test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth.
SPDT MOSFET RF Switch
Features
• Single +3.0-volt Power Supply
• Low Insertion loss: 0.70 dB up
to 2.0 GHz
• High isolation of 39 dB at 1.0
GHz, 28 dB at 2.0 GHz, typical
• Typical 1 dB compression of
+27 dBm
• Single-pin CMOS logic control
• Packaged in 8-lead MSOP
The PE84244 MOSFET RF Switch is designed to cover a
broad range of applications from DC to 3.0 GHz. This switch
integrates on-board CMOS control logic with a low voltage
CMOS compatible control input. Using a +3-volt nominal
power supply voltage, a 1 dB compression point of +27 dBm
can be achieved. The PE84244 also exhibits excellent
isolation of 28 dB at 2.0 GHz and is offered in a small 8-lead
MSOP package.
The PE4244 MOSFET RF Switch is manufactured in
Peregrine’s patented Ultra Thin Silicon (UTSi
) CMOS
process, offering the performance of GaAs with the economy
and integration of conventional CMOS.
PRELIMINARY SPECIFICATION
PE84244
Military Operating Temperature Range


Similar Part No. - PE84244-00

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
More results

Similar Description - PE84244-00

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com