Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CP596M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STP16CP596M
Description  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STP16CP596M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STP16CP596M Datasheet HTML 6Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 7Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 8Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 9Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 10Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 11Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 12Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 13Page - List of Unclassifed Manufacturers STP16CP596M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
STP16CP596
11/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.32
0.170
A1
0.38
0.015
A2
3.3
0.130
B
0.41
0.46
0.51
0.016
0.018
0.020
B1
1.40
1.52
1.65
0.055
0.060
0.065
c
0.20
0.25
0.30
0.008
0.010
0.012
D
31.62
31.75
31.88
1.245
1.250
1.255
E
7.62
8.26
0.300
0.325
E1
6.35
6.60
6.86
0.250
0.260
0.270
e
2.54
0.100
E1
7.62
0.300
L
3.18
3.43
0.125
0.135
M
15˚
15˚
Plastic DIP-24 (0.25) MECHANICAL DATA
0034965/D
Stand-off
B
e
B1
D
13
12
24
1
e1
c
E1
Gage Plane
.015
0,38
M
E


Similar Part No. - STP16CP596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CP596M STMICROELECTRONICS-STP16CP596M Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CP596MTR STMICROELECTRONICS-STP16CP596MTR Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
More results

Similar Description - STP16CP596M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com