Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CP596MTR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STP16CP596MTR
Description  LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STP16CP596MTR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STP16CP596MTR Datasheet HTML 1Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 2Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 3Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 4Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 5Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 6Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 7Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 8Page - List of Unclassifed Manufacturers STP16CP596MTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
STP16CP596
3/18
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Under these conditions, functional operation
is not implied.
Table 5: Thermal Data
(*) The exposed pad should be soldered directly to the PCB to realize the thermal benefits.
Table 6: Recommended Operating Conditions
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
0 to 7
V
VO
Output Voltage
-0.5 to 16
V
IO
Output Current
50
mA
VI
Input Voltage
-0.4 to VDD+0.4
V
IGND
GND Terminal Current
800
mA
fCLK
Clock Frequency
25
MHz
TOPR
Operating Temperature Range
-40 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
DIP-24
SO-24
TSSOP24
TSSOP24 (*)
(exposed pad)
Unit
Rthj-amb Thermal Resistance Junction-ambient
60
75
85
37.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
5.5
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
3
50
mA
IOH
Output Current
SERIAL-OUT
+1
mA
IOL
Output Current
SERIAL-OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
/LE Pulse Width
VDD = 3.0 to 3.6V
20
ns
twCLK
CLK Pulse Width
20
ns
twEN
/OE Pulse Width
400
ns
tSETUP(D) Setup Time for DATA
20
ns
tHOLD(D)
Hold Time for DATA
15
ns
tREM(L)
Removal Time for LATCH
15
ns
fCLK
Clock Frequency
Cascade Operation
25
MHz


Similar Part No. - STP16CP596MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CP596MTR STMICROELECTRONICS-STP16CP596MTR Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
More results

Similar Description - STP16CP596MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com