Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650GI-44T Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS650GI-44T
Description  Spread Spectrum Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650GI-44T Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS650GI-44T Datasheet HTML 2Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 3Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 4Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 5Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 6Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 7Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 8Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 9Page - Integrated Circuit Systems ICS650GI-44T Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Spread Spectrum Clock Synthesizer
MDS 650-44 C
7
Revision 080305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
PRELIM INAR Y INFORM A T ION
ICS650-44
Thermal Characteristics
Marking Diagram
Marking Diagram (Pb free)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and the week number that the part was assembled.
3. “I” designates industrial temperature range.
4. “L” designates Pb (lead) free package.
5. Bottom marking: (origin)
Origin = country of origin of not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
1
8
9
16
650GI-44
######
YYWW
1
8
9
16
650GI44L
######
YYWW


Similar Part No. - ICS650GI-44T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650GI-41LF ICST-ICS650GI-41LF Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-41LFT ICST-ICS650GI-41LFT Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-47LF ICST-ICS650GI-47LF Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
ICS650GI-47LF RENESAS-ICS650GI-47LF Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
logo
Integrated Circuit Syst...
ICS650GI-47LFT ICST-ICS650GI-47LFT Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
More results

Similar Description - ICS650GI-44T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com