Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650GI-44LFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS650GI-44LFT
Description  Spread Spectrum Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650GI-44LFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS650GI-44LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 9Page - Integrated Circuit Systems ICS650GI-44LFT Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Spread Spectrum Clock Synthesizer
MDS 650-44 C
6
Revision 080305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
PRELIM INAR Y INFORM A T ION
ICS650-44
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, VDDO = 2.5 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Measured with 5 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Crystal or clock input
25
MHz
Spread Spectrum Modulation
Frequency
50
kHz
Duty Cycle
t2/t1
At VDD/2, Note 1 and
Figures 1 and 2
45
50
55
%
Output Fall Time
t3
80% to 20%, Note 1
and Figures 1 & 3
1.5
ns
Output Rise Time
t4
20% to 80%, Note 1
and Figures 1 & 3
1.5
ns
One Sigma Clock Period Jitter
Note 1
30
ps
Absolute Jitter, Peak-to-Peak
tja
Deviation from mean,
Note1 & Figures 1 and
6
±125
ps
Output Enable Time
tEN
PDTS high to PLL
locked to within 1% of
final value, Figure 5
2.5
5
ms
Output Disable Time
tDIS
PDTS low to tri-state,
Figure 5
20
ns
Output-to-Output Skew
±180
ps
Power-up Time
tP
PLL lock-time from
power-up to 1% of final
value, Figure 4
610
ms


Similar Part No. - ICS650GI-44LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650GI-41LF ICST-ICS650GI-41LF Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-41LFT ICST-ICS650GI-41LFT Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-47LF ICST-ICS650GI-47LF Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
ICS650GI-47LF RENESAS-ICS650GI-47LF Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
logo
Integrated Circuit Syst...
ICS650GI-47LFT ICST-ICS650GI-47LFT Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
More results

Similar Description - ICS650GI-44LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com