Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS667M-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS667M-01
Description  HDTV CLOCK SYNTHESIZER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS667M-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS667M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HDTV CLOCK SYNTHESIZER
MDS 667-01 C
5
Revision 031605
I n tegr at ed Circuit Sy stems
525 Race Street , San Jose, CA 95126
t e l (40 8 ) 297-1201
www. i cst.com
ICS667-01
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS667M-01
see page 5
Tubes
8-pin SOIC
0 to +70
° C
ICS667M-01T
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS667M-01LF
see page 5
Tubes
8-pin SOIC
0 to +70
° C
ICS667M-01LFT
Tape and Reel
8-pin SOIC
0 to +70
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
α
0
°
8
°
0
°
8
°


Similar Part No. - ICS667M-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
More results

Similar Description - ICS667M-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
MK2716 ICST-MK2716 Datasheet
57Kb / 4P
   HDTV Clock Synthesizer
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
logo
Renesas Technology Corp
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
   HDTV AUDIO/VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
   HDTV Set-Top Clock Source
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com