Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS670-04 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS670-04
Description  LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670-04 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS670-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS670-04 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
MDS 670-04 B
4
Revision 011905
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS670-04
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature -40 to +85
°C, unless stated otherwise
Note 1: Rising edge of ICLK compared with rising edge of CLK2, with FBCLK connected to FBIN, and 15
pF load on CLK2.
Thermal Characteristics
Short Circuit Current
IOS
Each output
±50
mA
Internal Pull-up Resistor
RPU
OE, select pins
200
k
Input Capacitance
CIN
OE, select pins
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Clock Frequency
fIN
See table on page 2
5
210
MHz
Output Clock Frequency
210
MHz
Output Rise Time
tOR
0.8 to 2.0 V, no load
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, no load
1.5
ns
Output Clock Duty Cycle
tDC
measured at VDD/2
45
50
55
%
Input to Output Skew
Note 1
±100
ps
Maximum Absolute Jitter
short term
±45
ps
Maximum Jitter
one sigma
15
ps
Phase Noise, relative to
carrier, 125 MHz (x5)
100 Hz offset
-103
dBc/Hz
1 kHz offset
-117
dBc/Hz
10 kHz
-111
dBc/Hz
200 kHz
-88
dBc/Hz
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
120
°C/W
θ
JA
1 m/s air flow
115
°C/W
θ
JA
3 m/s air flow
105
°C/W
Thermal Resistance Junction to Case
θ
JC
58
°C/W


Similar Part No. - ICS670-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results

Similar Description - ICS670-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
   Low Phase Noise Zero Delay Buffer and Multiplier
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com