Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS680G-01T Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS680G-01T
Description  Networking Clock Synthesizer and Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS680G-01T Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS680G-01T Datasheet HTML 1Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 5Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 6Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 7Page - Integrated Circuit Systems ICS680G-01T Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Networking Clock Synthesizer and Zero Delay Buffer
MDS 680-01 F
8
Revision 020305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS680-01
Revision History
Rev.
Originator
Date
Description of Change
D
P.Griffith
10/01/04
Removed power supply ramp-up time spec; added trinary input specs to DC chars; added
a second Output Low Voltage spec; updated Supply Current specs from 50 to 32 mA, and
50 to 300 uA; changed pull-down resistor value from 525 to 250 kohms; changed Output
Rise/Fall times from 1 to 1.5 ns
E
P.Griffith
12/21/04
Released as standard product from custom device.
F
J. Sarma
02/03/05
Add LF ordering info.


Similar Part No. - ICS680G-01T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
   NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
More results

Similar Description - ICS680G-01T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
   NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com