Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS81006AKLF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS81006AKLF
Description  VCXO-TO-6 LVCMOS OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS81006AKLF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS81006AKLF Datasheet HTML 6Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 7Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 8Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 9Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 10Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 11Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 12Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 13Page - Integrated Circuit Systems ICS81006AKLF Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
10
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
W
O
L
_
V
e
c
n
a
t
i
c
a
p
a
C
r
o
t
c
a
r
a
V
w
o
LV
C
V
0
=4
.
5
1F
p
C
H
G
I
H
_
V
e
c
n
a
t
i
c
a
p
a
C
r
o
t
c
a
r
a
V
h
g
i
HV
C
V
3
.
3
=6
.
9
2F
p
TABLE 6. VARACTOR PARAMETERS
FORMULAS
(
) (
)
() (
)
Low
V
S
L
Low
V
S
L
Low
V
S
L
Low
V
S
L
Low
C
C
C
C
C
C
C
C
C
C
C
C
C
_
2
2
_
1
1
_
2
2
_
1
1
+
+
+
+
+
+
+
+
+
=
(
) (
)
() (
)
High
V
S
L
High
V
S
L
High
V
S
L
High
V
S
L
High
C
C
C
C
C
C
C
C
C
C
C
C
C
_
2
2
_
1
1
_
2
2
_
1
1
+
+
+
+
+
+
+
+
+
=
6
0
1
0
0
1
0
10
1
2
1
1
2
1
)
(
⎛ +
⎛ +
=
C
C
C
C
C
C
C
C
TPR
Range
Pull
Total
High
Low
•C
Low is the effective capacitance due to the low varactor capacitance, load capacitance and stray capacitance.
C
Low determines the high frequency component on the TPR.
•C
High is the effective capacitance due to the high varactor capacitance, load capacitance and stray capacitance.
C
High determines the low frequency component on the TPR.
Absolute Pull Range (APR) = Total Pull Range – (Frequency Tolerance + Frequency Stability + Aging)
EXAMPLE CALCULATIONS
Using the tables and figures above, we can now calculate the
TPR and APR of the VCXO using the example crystal
parameters. For the numerical example below there were some
assumptions made. First, the stray capacitance (C
S1, CS2), which
is all the excess capacitance due to board parasitic, is 4pF.
Second, the expected lifetime of the project is 5 years; hence
the inaccuracy due to aging is ±15ppm. Third, though many
boards will not require load tuning capacitors (C
L1, CL2), it is
recommended for long-term consistent performance of the
system that two tuning capacitor pads be placed into every
design. Typical values for the load tuning capacitors will range
from 0 to 4pF.
() ()
() ()
pf
pf
pf
pf
pf
pf
pf
pf
pf
C
Low
7
.
9
4
.
15
4
0
4
.
15
4
0
4
.
15
4
0
4
.
15
4
0
=
+
+
+
+
+
+
+
+
+
=
() ()
() (
)
pf
pf
pf
pf
pf
pf
pf
pf
pf
C
High
8
.
16
6
.
29
4
0
6
.
29
4
0
6
.
29
4
0
6
.
29
4
0
=
+
+
+
+
+
+
+
+
+
=
ppm
pF
pF
pF
pF
TPR
5
.
226
10
4
8
.
16
1
220
2
1
4
7
.
9
1
220
2
1
6
=
⎟⎟
⎜⎜
⎛ +
⎛ +
=
TPR = ±113.25ppm
APR = 113.25ppm – (20ppm + 20ppm + 15ppm) = ±58.25ppm
The example above will ensure a total pull range of
±113.25 ppm with an APR of ±58.25ppm. Many times, board
designers may select their own crystal based on their
application. If the application requires a tighter APR, a crystal
with better pullability (C0/C1 ratio) can be used. Also, with the
equations above, one can vary the frequency tolerance,
temperature stability, and aging or shunt capacitance to achieve
the required pullability.


Similar Part No. - ICS81006AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS81006AKI ICST-ICS81006AKI Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILF ICST-ICS81006AKILF Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILFT ICST-ICS81006AKILFT Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKIT ICST-ICS81006AKIT Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
More results

Similar Description - ICS81006AKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
logo
Renesas Technology Corp
81006 RENESAS-81006 Datasheet
595Kb / 19P
   VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
81006I RENESAS-81006I Datasheet
500Kb / 19P
   VCXO-To-6 LVCMOS Outputs
7/29/16
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
   VCXO-TO-LVCMOS OUTPUTS
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
8101925 IDT-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com