Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBD Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems TBD Datasheet HTML 10Page - Integrated Circuit Systems TBD Datasheet HTML 11Page - Integrated Circuit Systems TBD Datasheet HTML 12Page - Integrated Circuit Systems TBD Datasheet HTML 13Page - Integrated Circuit Systems TBD Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
843020AY-01
www.icst.com/products/hiperclocks.html
REV. B APRIL 14, 2005
10
Integrated
Circuit
Systems, Inc.
ICS843020-01
FEMTOCLOCKS™ 680MHZ, CRYSTAL-TO-
3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
PHASE JITTER
OUTPUT SKEW
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
-1.3V ± 0.165V
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
FOUTx
nFOUTx
V
CC,
V
CCA,
V
CCO
V
EE
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot


Similar Part No. - TBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBD STMICROELECTRONICS-TBD Datasheet
145Kb / 10P
   0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
logo
Anaren Microwave
TBD ANAREN-TBD Datasheet
169Kb / 7P
   HIGH POWER OP-AMP
logo
Integrated Circuit Syst...
TBD ICST-TBD Datasheet
256Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Advantech Co., Ltd.
TBD ADVANTECH-TBD Datasheet
1Mb / 2P
   Intel® Xeon® E3/ Core™ i7/i5/i3 LGA1151 MicroATX with DVI-D/HDMI/DP/eDP/VGA, 2 COM, Dual LAN, 8 SATA III, 10 USB3.0
28-Dec-2017
logo
AAEON Technology
TBD AAEON-TBD Datasheet
314Kb / 2P
   Compact Board With Intel R 3rd Generation Core Tm i Series i7/i5/i3 Mobile Processor
More results

Similar Description - TBD

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843202I RENESAS-843202I Datasheet
448Kb / 17P
   FemtoClock® 680MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com