Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF650 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # BUF650
Description  Silicon NPN High Voltage Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BUF650 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  BUF650 Datasheet HTML 1Page - TEMIC Semiconductors BUF650 Datasheet HTML 2Page - TEMIC Semiconductors BUF650 Datasheet HTML 3Page - TEMIC Semiconductors BUF650 Datasheet HTML 4Page - TEMIC Semiconductors BUF650 Datasheet HTML 5Page - TEMIC Semiconductors BUF650 Datasheet HTML 6Page - TEMIC Semiconductors BUF650 Datasheet HTML 7Page - TEMIC Semiconductors BUF650 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUF650
TELEFUNKEN Semiconductors
Rev. C2, 18-Jul-97
5 (8)
Typical Characteristics (Tcase = 25
_C unless otherwise specified)
0
2
4
6
8
12
95 10562
0
100
200
300
400
VCE – Collector Emitter Voltage ( V )
600
500
VCESat < 2V
10
0.1 x IC < IB2 < 0.5 x IC
Figure 4. VCEW – Diagram
95 10566
04
8
12
16
20
VCE – Collector Emitter Voltage ( V )
1000mA
780mA
580mA
400mA
190mA
95mA
0
2
4
6
8
10
IB = 49mA
Figure 5. IC vs. VCE
0.01
0.1
1
10
1
10
100
100
95 10564
IC – Collector Current ( A )
10V
5V
VCE = 2V
Figure 6. hFE vs. IC
95 10563
0
25
50
75
100
0.001
0.01
0.1
1
10
100
Tcase ( °C )
150
125
1.78 K/W
12.5 K/W
25 K/W
50 K/W
RthJA = 85 K/W
Figure 7. Ptot vs.Tcase
95 10567
0.01
0.1
1
0.01
0.1
1
10
IB – Base Current ( A )
10
8A
6A
4A
2A
IC = 1A
Figure 8. VCEsat vs. IB
0.01
0.1
1
10
1
10
100
95 10565
100
IC – Collector Current ( A )
100
125
°C
Tj = 75°C
25
°C
Figure 9. hFE vs. IC


Similar Part No. - BUF650

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
More results

Similar Description - BUF650

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUD616A VISHAY-BUD616A Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
   Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com