Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853111AV-01LFT Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS853111AV-01LFT
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111AV-01LFT Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS853111AV-01LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 9Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 10Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 11Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 12Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 13Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 14Page - Integrated Circuit Systems ICS853111AV-01LFT Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
853111AV-01
www.icst.com/products/hiperclocks.html
REV. A APRIL 25, 2005
11
Integrated
Circuit
Systems, Inc.
ICS853111-01
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 5.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
- 2V.
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 0.935V
(V
CCO_MAX
- V
OH_MAX
) = 0.935V
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.67V
(V
CCO_MAX
- V
OL_MAX
) = 1.67V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) = [(2V - (V
CCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) =
[(2V - 0.935V)/50
Ω] * 0.935V = 19.92mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) = [(2V - (V
CCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) =
[(2V - 1.67V)/50
Ω] * 1.67V = 11.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.94mW
Figure 5. LVPECL Driver Circuit and Termination
VCCO - 2V
Q1
VOUT
RL
50
VCCO


Similar Part No. - ICS853111AV-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111AV-01LFT IDT-ICS853111AV-01LFT Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853111AV-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S031I RENESAS-ICS853S031I Datasheet
1Mb / 23P
   Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
   Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com