Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX98050EVSYS Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX98050EVSYS
Description  Two MAX98050 Development Boards (DEV Boards)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98050EVSYS Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX98050EVSYS Datasheet HTML 4Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 5Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 6Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 7Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 8Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 9Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 10Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 11Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Maxim Integrated │ 8
www.maximintegrated.com
Evaluates: MAX98050
MAX98050 Evaluation System
Block Diagram Tab
The evaluation software uses an interactive block dia-
gram to facilitate the programming of the device. The
block diagram also provides a visual representation of the
device’s functions and current configuration.
There are three types of blocks in the block diagram,
and they are identified by the cursor image. The cursor
changes to a pointing hand when over a block that opens
a dialog window and a full hand to toggle a function. If
the cursor does not change when over a block, then it
is an inactive block and is only provided for illustrational
purposes.
The color of a diagram block changes depending on the
enabled state of the device function(s) associated with
that block. An inactive block is grey, a disabled block is
white, and an enabled block is teal. Figure 5 shows the
block diagram with the device configured for digital audio
interface (DAI) (USB audio) input and headphone output.
Dialog Windows
Dialog windows are associated with specific blocks in the
block diagram and contain the controls for configuring the
registers associated with that functional block. Open a dia-
log window by clicking on a dialog block. Figure 7 shows
the typical GUI controls that are found on a dialog window.
Figure 5. MAX98050 Block Diagram (USB Audio Input to Headphone Output)
Figure 6. Control Register Tab


Similar Part No. - MAX98050EVSYS

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FlexSound Technology
19-5335; Rev 1; 6/11
MAX98088EVKIT MAXIM-MAX98088EVKIT Datasheet
2Mb / 24P
   MAX98088 Evaluation Kit
19-5487; Rev 1; 5/11
MAX98088EVKIT# MAXIM-MAX98088EVKIT# Datasheet
2Mb / 24P
   MAX98088 Evaluation Kit
19-5487; Rev 1; 5/11
MAX98088EWY++ MAXIM-MAX98088EWY+ Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
More results

Similar Description - MAX98050EVSYS

ManufacturerPart #DatasheetDescription
Intel Corporation
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
   Desktop Boards
Analog Devices
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
   evaluation boards
REV. 0
List of Unclassifed Manufacturers
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
Fujitsu Component Limited.
Fujitsu Component Limit...
FTP-62ADSL000 FUJITSU-FTP-62ADSL000 Datasheet
327Kb / 10P
   interfa ce boards
Taoglas antenna solutions
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
   Compact Evaluation Boards
Maxim Integrated Products
Maxim Integrated Produc...
MAX11947EVKIT MAXIM-MAX11947EVKIT Datasheet
2Mb / 20P
   includes two fully assembled and tested circuit boards
Rev 0; 9/20
CRYSTEK CORPORATION
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
   VCO Evaluation Boards
List of Unclassifed Manufacturers
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
Motorola, Inc
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
   Designing Expansion Boards
Sensortechnics GmbH
Sensortechnics GmbH
ZBXYA025M0 SENSORTECHNICS-ZBXYA025M0 Datasheet
239Kb / 5P
   Oxygen sensor interface boards
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com