Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX98050EVSYS Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX98050EVSYS
Description  Two MAX98050 Development Boards (DEV Boards)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98050EVSYS Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX98050EVSYS Datasheet HTML 1Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 2Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 3Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 4Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 5Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 6Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 7Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 8Page - Maxim Integrated Products MAX98050EVSYS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX98050
MAX98050 Evaluation System
Software for MAX98050
For the MAX98050EVSYS#, there are two GUIs avail-
able: MAX98050 Evaluation Software and Hearable
Sound Studio Basic.
The MAX98050 Evaluation Software GUI gives direct
access to all of the control registers inside the MAX98050,
and is recommended for all electrical bench testing
of the IC. Mono Hardware Setup is recommended for
electrical bench testing of the MAX98050. The main
interface of the MAX98050 Evaluation Software is an
interactive functional block diagram of the MAX98050.
For more information, see the Detailed Description of
MAX98050 Evaluation Software section.
Hearable Sound Studio Basic GUI is an acoustic design
tool, and is for use in design of the digital filters in the
MAX98050 (Digital Filter 1, Digital Filter 2, Playback
Compensation Filter, Digital Filter DRC, EQ). Hearable
Sound Studio Basic GUI is also used to evaluate filter
designs with hardware, using the MAX98050EVSYS#
connected to acoustic form-factors such as headsets etc.
Hearable Sound Studio Basic GUI
The intended purpose of the Hearable Sound Studio
Basic GUI is to aid in the design of digital filters for the
MAX98050, and help with the evaluation of those digital
filter designs using the MAX98050EVSYS#. For digital
filter design, hardware is not required with Hearable
Sound Studio Basic. For acoustic hardware evaluation,
however, the MAX98050EVSYS# is required (in Stereo
Hardware Setup mode). The Hardware Evaluation sec-
tion of Hearable Sound Studio Basic shows how to
properly set up the MAX98050EVSYS# in stereo mode.
For acoustic hardware evaluation, a headset or similar
acoustic form-factor can be connected to each of the DEV
Boards. Each DEV Board can support multiple transduc-
ers - up to three microphones (ECM, MEMS, Analog,
Digital, etc) and one dynamic headphone speaker. Refer
to the Detailed Description of Hardware section in this
datasheet, as well as the MAX98050 IC Datasheet for
information on how to properly configure and connect the
DEV Boards for the desired transducers.
Hearable Sound Studio Basic is also designed
to be used in conjunction with the MAX98050
Evaluation Software (see the Detailed Description of
MAX98050 Evaluation Software. During acoustic hard-
ware evaluation, MAX98050 Evaluation Software is used
to adjust the required filter path gain settings, set
desired audio channels, switch filter banks, enable/dis-
able the ICs etc. MAX98050 Evaluation Software can
also used to enable the Group Write Address feature in
the MAX98050, where commands can be written to both
DEV Boards simultaneously.
To launch the Hearable Sound Studio Basic application,
navigate to
Windows > Maxim Integrated and click on
the
Hearable Sound Studio Basic application icon.
Detailed Description of
MAX98050 Evaluation Software
The MAX98050 Evaluation Software is designed to be
used only with the MAX98050 EV system. The software
provides an intuitive GUI for programming the device and
includes many features intended to aid in evaluation.
The MAX98050 Evaluation Software main window
(Figure 1) is composed of four main sections: menu bar,
communication toolbar, device registers control tabbed
pages, and a status bar. The menu bar provides additional
features to aid evaluation, the toolbar provides basic func-
tionality for communicating with the device, and the status
bar provides information about hardware connectivity and
communication status. The tabbed pages make up the
bulk of the GUI and provide the controls for programming
the device’s hardware registers.
The
Block Diagram tab provides access to all the device
registers using dialog windows, which contain GUI con-
trols for configuring the device. The dialog windows are
opened by clicking on the blocks in the block diagram.
The
Control Registers tab provides direct access to the
valid registers from 0x2000–0x20FF, as well as to the
revision ID register, 0x28FF. The
Filter Registers tab
provides access to the registers for the 5-band equalizer,
the dynamic range compression, and the digital filters.
The
Log tab provides a log of the I2C transactions and a
tool to read specific registers.
The MAX98050 Evaluation Software is compatible with
Windows 10 and can be found on Maxim’s website. Refer
to the MAX98050 data sheet for device register information.


Similar Part No. - MAX98050EVSYS

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
   Stereo Audio Codec with FlexSound Technology
19-5335; Rev 1; 6/11
MAX98088EVKIT MAXIM-MAX98088EVKIT Datasheet
2Mb / 24P
   MAX98088 Evaluation Kit
19-5487; Rev 1; 5/11
MAX98088EVKIT# MAXIM-MAX98088EVKIT# Datasheet
2Mb / 24P
   MAX98088 Evaluation Kit
19-5487; Rev 1; 5/11
MAX98088EWY++ MAXIM-MAX98088EWY+ Datasheet
11Mb / 123P
   Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
More results

Similar Description - MAX98050EVSYS

ManufacturerPart #DatasheetDescription
Intel Corporation
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
   Desktop Boards
Analog Devices
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
   evaluation boards
REV. 0
List of Unclassifed Manufacturers
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
Fujitsu Component Limited.
Fujitsu Component Limit...
FTP-62ADSL000 FUJITSU-FTP-62ADSL000 Datasheet
327Kb / 10P
   interfa ce boards
Taoglas antenna solutions
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
   Compact Evaluation Boards
Maxim Integrated Products
Maxim Integrated Produc...
MAX11947EVKIT MAXIM-MAX11947EVKIT Datasheet
2Mb / 20P
   includes two fully assembled and tested circuit boards
Rev 0; 9/20
CRYSTEK CORPORATION
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
   VCO Evaluation Boards
List of Unclassifed Manufacturers
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
Motorola, Inc
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
   Designing Expansion Boards
Sensortechnics GmbH
Sensortechnics GmbH
ZBXYA025M0 SENSORTECHNICS-ZBXYA025M0 Datasheet
239Kb / 5P
   Oxygen sensor interface boards
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com