Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8430252-45 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8430252-45
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430252-45 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8430252-45 Datasheet HTML 1Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 2Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 3Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 4Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 5Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 6Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 7Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 8Page - Integrated Circuit Systems ICS8430252-45 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
8430252CG-45
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 9, 2005
2
Integrated
Circuit
Systems, Inc.
ICS8430252-45
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
t
u
p
n
It
u
p
t
u
O
E
OA
Q
0Z
-
i
H
1e
v
i
t
c
A
TABLE 3A. OE SELECT FUNCTION TABLE
t
u
p
n
Is
t
u
p
t
u
O
N
E
_
K
L
CB
QB
Q
n
0w
o
Lh
g
i
H
1e
v
i
t
c
Ae
v
i
t
c
A
TABLE 3B. CLK_EN SELECT FUNCTION TABLE
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PV
C
C
V
,
A
C
C
V
,
,
A
_
O
C
C
V
B
_
O
C
C
V
5
6
4
.
3
=0
1F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1E
Ot
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
e
l
b
a
T
n
o
i
t
c
n
u
F
A
3
e
l
b
a
T
e
e
S
5
1
,
9
,
2V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
3A
Qt
u
p
t
u
O.
t
u
p
t
u
o
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
4V
A
_
O
C
C
r
e
w
o
P.
t
u
p
t
u
o
A
Q
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
6
,
5c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
7V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
8V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
1
1
,
0
1
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
,
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
2
1V
B
_
O
C
C
r
e
w
o
P.
s
t
u
p
t
u
o
B
Q
n
,
B
Q
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
4
1
,
3
1B
Q
,
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
6
1N
E
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
e
l
b
a
n
e
k
c
o
l
C
.
e
l
b
a
T
n
o
i
t
c
n
u
F
B
3
e
l
b
a
T
e
e
S


Similar Part No. - ICS8430252-45

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020A01 ICST-ICS843020A01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01 ICST-ICS843020AY-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01LF ICST-ICS843020AY-01LF Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01LFT ICST-ICS843020AY-01LFT Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8430252-45

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com