Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79R79 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79R79
Description  Ringing Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79R79 Datasheet HTML 1Page - Advanced Micro Devices AM79R79 Datasheet HTML 2Page - Advanced Micro Devices AM79R79 Datasheet HTML 3Page - Advanced Micro Devices AM79R79 Datasheet HTML 4Page - Advanced Micro Devices AM79R79 Datasheet HTML 5Page - Advanced Micro Devices AM79R79 Datasheet HTML 6Page - Advanced Micro Devices AM79R79 Datasheet HTML 7Page - Advanced Micro Devices AM79R79 Datasheet HTML 8Page - Advanced Micro Devices AM79R79 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Am79R79 Data Sheet
GENERAL DESCRIPTION
The AMD family of subscriber line interface circuit
(SLIC) products provide the telephone interface func-
tions required throughout the worldwide market. AMD
SLIC devices address all major telephony markets in-
cluding central office (CO), private branch exchange
(PBX), digital loop carrier (DLC), fiber-in-the-loop
(FITL), radio-in-the-loop (RITL), hybrid fiber coax
(HFC), and video telephony applications.
The AMD SLIC devices offer support of BORSHT (bat-
tery feed, overvoltage protection, ringing, supervision,
hybrid, and test) functions with features including cur-
rent limiting, on-hook transmission, polarity reversal, Tip
Open, and loop-current detection. These features allow
reduction of linecard cost by minimizing component
count, conserving board space, and supporting auto-
mated manufacturing.
The AMD SLIC devices provide the two- to four-wire hy-
brid function, DC-loop feed, and two-wire supervision.
Two-wire termination is programmed by a scaled imped-
ance network. Transhybrid balance can be achieved with
an external balance circuit or simply programmed using
a companion AMD codec device, the Am79C02/03/031
DSLAC™ device, the Am79Q02/021/03 Programmable
Quad SLAC (QSLAC™) device, or the Am79Q5457/4457
Nonprogrammable QSLAC device.
The Am79R79 Ringing SLIC device is a bipolar mono-
lithic SLIC that offers on-chip ringing. Now designers
can achieve significant cost reductions at the system
level for short-loop applications by integrating the ring-
ing function on chip. Examples of such applications
would be ISDN terminal adaptors, fiber-in-the-loop, ra-
dio-in-the-loop, hybrid fiber/coax and video telephony
(home-side) boxes. The Am79R79 Ringing SLIC can
provide sufficient voltage to meet the stringent LSSGR
five-ringer equivalent specification. Using a CMOS-
compatible input waveform and wave shaping R-C net-
work, the Am79R79 Ringing SLIC can provide trapezoi-
dal wave ringing to meet various design requirements.
In order to further enhance the suitability of this device
in short-loop, distributed switching applications, AMD
has maximized power savings by incorporating battery
switching on chip. The Am79R79 Ringing SLIC device
switches between two battery supplies such that in the
off-hook (active) state, a low battery is used to save
power. In order to meet the Open Circuit voltage require-
ments of fax machines and maintenance termination
units (MTU), the SLIC automatically switches to a higher
voltage in the on-hook (standby) state.
Like all of the AMD SLIC devices, the Am79R79 Ringing
SLIC device supports on-hook transmission, ring-trip
detection, programmable loop-detect threshold, and is
available with on-chip polarity reversal. The Am79R79
Ringing SLIC device is a programmable constant-cur-
rent feed device with two on-chip relay drivers to operate
external relays. Several performance grades are avail-
able to meet both CCITT and LSSGR requirements,
including various longitudinal balance options. This
unique device is available in the proven AMD 75 V bi-
polar process in the 32-pin PLCC package.


Similar Part No. - AM79R79

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70-1SC AMD-AM79R70-1SC Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
More results

Similar Description - AM79R79

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com