Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4268-EK Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE4268-EK
Description  SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4268-EK Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE4268-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4268-EK Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
©2005 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4268
Page 11 of 11
Document No. 70-0165-03
│ www.psemi.com
Sales Offices
The Americas
Peregrine Semiconductor Corporation
9450 Carroll Park Drive
San Diego, CA 92121
Tel 858-731-9400
Fax 858-731-9499
North Asia Pacific
Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower
1-1-1 Uchisaiwaicho, Chiyoda-ku
Tokyo 100-0011 Japan
Tel: +81-3-3502-5211
Fax: +81-3-3502-5213
Peregrine Semiconductor, Korea
#B-2402, Kolon Tripolis, #210
Geumgok-dong, Bundang-gu, Seongnam-si
Gyeonggi-do, 463-480 S. Korea
Tel: +82-31-728-4300
Fax: +82-31-728-4305
Europe
Peregrine Semiconductor Europe
Bâtiment Maine
13-15 rue des Quatre Vents
F- 92380 Garches, France
Tel: +33-1-47-41-91-73
Fax : +33-1-47-41-91-73
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data
sheet contains design target specifications for product
development. Specifications and features may change in
any manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right
to change specifications at any time without notice in order
to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a DCN
(Document Change Notice).
The information in this data sheet is believed to be reliable.
However, Peregrine assumes no liability for the use of this
information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in
devices or systems intended for surgical implant, or in other
applications intended to support or sustain life, or in any
application in which the failure of the Peregrine product could
create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including
consequential or incidental damages, arising out of the use of
its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks
and UltraCMOS and HaRP are trademarks of Peregrine
Semiconductor Corp.
South Asia Pacific
Peregrine Semiconductor, China
Shanghai, 200040, P.R. China
Tel: +86-21-5836-8276
Fax: +86-21-5836-7652
Space and Defense Products
Americas:
Tel: 505-881-0438
Fax: 505-881-0443
Europe, Asia Pacific:
180 Rue Jean de Guiramand
13852 Aix-En-Provence cedex 3, France
Tel: +33(0) 4 4239 3361
Fax: +33(0) 4 4239 7227


Similar Part No. - PE4268-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4268-52 PEREGRINE-PE4268-52 Datasheet
308Kb / 11P
   SP6T UltraCMOS
More results

Similar Description - PE4268-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
   SP6T UltraCMOS 2.6 V Switch
logo
Peregrine Semiconductor...
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42660 PEREGRINE-PE42660 Datasheet
295Kb / 9P
   SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com