Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4273-EK Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE4273-EK
Description  SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4273-EK Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE4273-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4273-EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Specification
PE4273
Page 3 of 12
©2005-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0174-05 │ www.psemi.com
Table 2. Pin Descriptions
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS® device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this
device contains circuitry to protect it from damage
due to ESD, precautions should be taken to avoid
exceeding the rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS®
devices are immune to latch-up.
Table 3. DC Electrical Specifications
Figure 3. Pin Configuration (Top View)
1
2
3
4
5
6
V2
RFC
V1
RF1
GND
RF2
pin 1
Pin No.
Pin Name
Description
1
RF1
RF Port1
1
2
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
3
RF2
RF Port2
1
4
V1
Switch control input, CMOS logic level.
5
RFC
RF Common
1
6
V2
This pin supports two interface options:
Single-pin control mode. A nominal 3-volt
supply connection is required.
Complementary-pin control mode. A com-
plementary CMOS control signal to V1
is supplied to this pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
PIN
Input power (50 Ω)
100 - 3000
MHz
5 - 100 MHz
+34
+32
dBm
dBm
VESD
ESD Voltage (HBM,
ML_STD 883 Method
3015.7)
1500
V
ESD Voltage (MM, JEDEC,
JESD22-A114-B)
100
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
(V1 = 3V, V2= 3V)
8
50
µA
Control Voltage High
0.7x VDD
V
Control Voltage Low
0.3x VDD
V
Note: 1. All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


Similar Part No. - PE4273-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Pasternack Enterprises,...
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
   75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_15 Datasheet
298Kb / 12P
   RF Switch
More results

Similar Description - PE4273-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
   SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com