Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72108ATP-7 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GS72108ATP-7
Description  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS72108ATP-7 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GS72108ATP-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
GS72108ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2004
10/12
© 2001, GSI Technology
44-Pin, 400 mil TSOP-II
D
122
23
44
e
B
Q
A
y
c
Detail A
Notes:
1. Dimension D& E do not include interlead flash.
2. Dimension B does not include dambar protrusion/intrusion.
3. Controlling dimension: mm
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
——
0.047
——
1.20
A1
0.002
——
0.05
——
A2
0.037 0.039 0.041
0.95
1.00
1.05
B
0.01
0.014 0.018
0.25
0.35
0.45
c
0.006
——
0.15
D
0.721 0.725 0.729 18.31 18.41 18.51
E
0.396 0.400 0.404 10.06 10.16 10.26
e
0.031
——
0.80
HE
0.455 0.463 0.471 11.56
11.76
11.96
L
0.016 0.020 0.024
0.40
0.50
0.60
L1
0.031
——
0.80
y
——
0.004
——
0.10
Q
0o
5o
0o
5o


Similar Part No. - GS72108ATP-7

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108J-10 GSI-GS72108J-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-10I GSI-GS72108J-10I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12 GSI-GS72108J-12 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12I GSI-GS72108J-12I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-15 GSI-GS72108J-15 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

Similar Description - GS72108ATP-7

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com