Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT709269S15PFI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT709269S15PFI
Description  HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269S15PFI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT709269S15PFI Datasheet HTML 1Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 2Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 3Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 4Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 5Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 6Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 7Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 8Page - Integrated Device Technology IDT709269S15PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6.42
IDT709269S/L
Preliminary
High-Speed 16K x 16 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
Pin Names
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
ADS, CNTEN, CNTRST = X.
3.
OE is an asynchronous input signal.
Truth Table I—Read/Write and Enable Control(1,2,3)
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
A0R - A13R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
CLKL
CLKR
Clock
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
ADSL
ADSR
Address Strobe
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT/PIPEL
FT/PIPER
Flow-Through/Pipeline
VCC
Power
GND
Ground
3493 tbl 01
OE
CLK
CE0
CE1
UB
LB
R/
W
Upper Byte
I/O8-15
Lower Byte
I/O0-7
Mode
X
H
X
X
X
X
High-Z
High-Z
Deselected—Power Down
X
X
L
X
X
X
High-Z
High-Z
Deselected—Power Down
X
L
H
H
H
X
High-Z
High-Z
Both Bytes Deselected
X
LH
LH
L
DIN
High-Z
Write to Upper Byte Only
X
LH
H
L
L
High-Z
DIN
Write to Lower Byte Only
X
L
H
LLL
DIN
DIN
Write to Both Bytes
L
LH
LH
H
DOUT
High-Z
Read Upper Byte Only
L
LH
H
L
H
High-Z
DOUT
Read Lower Byte Only
L
LH
L
L
H
DOUT
DOUT
Read Both Bytes
H
X
L
H
L
L
X
High-Z
High-Z
Outputs Disabled
3493 tbl 02


Similar Part No. - IDT709269S15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269S15PFI IDT-IDT709269S15PFI Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269S15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com