Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

631Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # 631Z
Description  White LED Boost Regulator With Integrated Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

631Z Datasheet(HTML) 4 Page - Intersil Corporation

  631Z Datasheet HTML 1Page - Intersil Corporation 631Z Datasheet HTML 2Page - Intersil Corporation 631Z Datasheet HTML 3Page - Intersil Corporation 631Z Datasheet HTML 4Page - Intersil Corporation 631Z Datasheet HTML 5Page - Intersil Corporation 631Z Datasheet HTML 6Page - Intersil Corporation 631Z Datasheet HTML 7Page - Intersil Corporation 631Z Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN7370.1
December 21, 2005
Block Diagram
Detailed Description
The ISL97631 uses a constant frequency, current mode
control scheme to provide excellent line and load
regulation. It can drive up to 6 LEDs in series or 15 LEDs in
parallel/series configuration, with efficiencies of up 85%.
The ISL97631 operates from an input voltage of 2.7V to
5.5V and can boost up to 27V.
Steady-State Operation
The ISL97631 operates with constant frequency PWM. The
switching frequency is around 1.35MHz. Depending on the
input voltage, inductance, number of LEDs and the LED
current, the converter operates in either continuous
conduction mode or discontinuous conduction mode. Both
are normal. The forward current of the LED is set using the
RSET resistor. In steady state mode, this current is given by
the equation:
Shut-Down
When taken low the ENAB pin places the ISL97631 into
power down mode. When in power down, the supply current
is reduced to less than 1µA.
Dimming Control
PWM DIMMING
The ENAB pin also doubles as a brightness control. There
are two different possible dimming control methods. The
first dimming method is controlled through the duty-cycle of
the ENAB input PWM waveform, which can operate at
frequencies up to 1kHz. For frequencies greater than 1kHz,
see Analog Dimming. The LEDs operate at either zero or
full current. This is the PWM dimming control method. The
relationship between the average LED current and the
duty-cycle (D) of the ENAB pin’s waveform is as follows:
FIGURE 7. ISL97631 BLOCK DIAGRAM
FET
Driver
PWM Logic
Controller
Current
Sense
GM
Amplifier
1.2MHz Oscillator and Ramp
Generator
Bandgap
Reference
Generator
95mV
GM Amp
Compensation
PWM
Comparator
Vin
Enable
LX
GND
FB
ISL97631
Vout
-
FET
Driver
PWM Logic
Controller
Current
Sense
GM
Amplifier
1.2MHz Oscillator and Ramp
Generator
Bandgap
Reference
Generator
95mV
GM Amp
Compensation
PWM
Comparator
Vin
Enable
LX
GND
FB
ISL97631
Vout
-
1.35MHz
Pin Descriptions
PIN
NUMBER
PIN
NAME
DESCRIPTION
1
VOUT Output Pin. Connect to the anode of the top
LED and the output filter capacitor .
2
GND
Ground Pin. Connect to local ground.
3
LX
Switching Pin. Connect to inductor.
4
ENAB Enable Pin. Connect to enable signal to turn-on
or off the device.
5
FB
Feedback Pin. Connect to the cathode of
bottom LED and the sense resistor.
6
VIN
Input Supply Pin. Connect to the input supply
voltage, the inductor and the input supply
decoupling capacitor.
ILED
VFB
RSET
---------------
=
(EQ. 1)
average ILED
VFB
RSET
--------------- D
=
(EQ. 2)
ISL97631


Similar Part No. - 631Z

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
631 INTEL-631 Datasheet
4Mb / 106P
   Intel Pentium 4 Processor
logo
Oscilent Corporation
631 OSCILENT-631 Datasheet
141Kb / 2P
   Low Frequencies
631-680K OSCILENT-631-680K Datasheet
141Kb / 2P
   Low Frequencies
logo
Chicago Miniature Lamp,...
6310 CML-6310 Datasheet
68Kb / 1P
   2 x 5 Rectangular Right Angle LED Assembly
logo
Visual Communications C...
6310 VCC-6310 Datasheet
82Kb / 1P
   Series 2 x 5 Rectangular Right Angle LED Assembly
More results

Similar Description - 631Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
   White LED Boost Regulator
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
logo
Global Mixed-mode Techn...
G2541 GMT-G2541 Datasheet
120Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com