Electronic Components Datasheet Search |
|
IRKT430-20 Datasheet(PDF) 2 Page - International Rectifier |
|
IRKT430-20 Datasheet(HTML) 2 Page - International Rectifier |
2 / 8 page IRK.430.. Series 2 Bulletin I27400 rev. A 09/97 www.irf.com ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V RRM /V DRM , maximum repetitive V RSM , maximum non- I RRM /I DRM max. Type number Code peak reverse voltage repetitive peak rev. voltage @ T J = TJ max. VV mA 16 1600 1700 IRK.430.. 18 1800 1900 100 20 2000 2100 I T(AV) Maximum average on-state current 430 A 180° conduction, half sine wave I F(AV) @ Case temperature 82 °C I T(RMS) Maximum RMS on-state current 675 A 180° conduction, half sine wave @ T C = 82°C I TSM Maximum peak, one-cycle, 15.7 KA t = 10ms No voltage I FSM non-repetitive surge current 16.4 t = 8.3ms reapplied 13.2 t = 10ms 100% V RRM 13.8 t = 8.3ms reapplied Sinusoidal half wave, I2t Maximum I2t for fusing 1232 KA2s t = 10ms No voltage Initial T J = T J max. 1125 t = 8.3ms reapplied 871 t = 10ms 100% V RRM 795 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 12320 KA2 √s t = 0.1 to 10ms, no voltage reapplied VT(TO)1 Low level value of threshold voltage 0.96 V (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. VT(TO)2 High level value of threshold voltage 1.06 (I > π x I T(AV)), TJ = TJ max. rt1 Low level value of on-state slope resistance 0.51 m Ω (16.7% x π x I T(AV) < I < π x IT(AV) ), TJ = TJ max. rt2 High level value of on-state slope resistance 0.45 (I > π x I T(AV)), TJ = TJ max. V TM Maximum on-state or forward 1.65 V I pk = 1500A, T J = 25°C, t p = 10ms sine pulse V FM voltage drop I H Maximum holding current 500 mA T J = 25°C, anode supply 12V resistive load I L Typical latching current 1000 Parameter IRK.430.. Units Conditions On-state Conduction di/dt Maximum rate of rise of turned-on 1000 A/µs T J = TJ max., ITM = 400A, VDRM applied current t d Typical delay time 2.0 µs Gate current 1A, di g /dt = 1A/µs V d = 0.67% V DRM , TJ = 25°C t q Typical turn-off time 200 µs I TM = 750A, T J = T J max, di/dt = -60A/µs, V R = 50V, dv/dt = 20V/µs, Gate 0 V 100 Ω Parameter IRK.430.. Units Conditions Switching |
Similar Part No. - IRKT430-20 |
|
Similar Description - IRKT430-20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |