Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF194 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MF194
Description  860 nm - 70 MHz High Performance LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MF194 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MF194 Datasheet HTML 1Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 2Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 3Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 4Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 5Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 6Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 7Page - Zarlink Semiconductor Inc MF194 Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2001-2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• 860 nm Surface-Emitting LED
• 70 MHz Bandwidth
• Designed for 50/125 µm fiber
Applications
•LANs
• Test Equipment
• General Purpose
Description
This device is designed for Ethernet and general
applications and offers an excellent price/performance
ratio for cost-effective solutions. Its double-lens optical
system results in optimum coupling of power into the
fiber.
September 2004
Ordering Information
MF194
TO-46 Package
MF194 ST
ST Housing
MF194 SC
SC Housing
MF194 SMA
SMA Housing
MF194 FC
FC Housing
-40°C to +85°C
Note: Rated Fiber coupled power apply only on the TO-46
package, for housing options fiber coupled power is
typically 10% less.
MF194
860 nm - 70 MHz High Performance LED
Data Sheet
Figure 1 - Pin Diagram
Figure 2 - Functional Schematic
ANODE
CASE
Bottom View
CATHODE
The diode chip is isolated from the case.
ANODE
CATHODE


Similar Part No. - MF194

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
Welwyn Components Limit...
MF1/2S WELWYN-MF1/2S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Texas Instruments
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
More results

Similar Description - MF194

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF272 ZARLINK-MF272 Datasheet
218Kb / 6P
   810 nm - 70 MHz High Performance LED
MF436 ZARLINK-MF436 Datasheet
249Kb / 7P
   1300 nm - 50 MHz High Performance LED
MF228 ZARLINK-MF228 Datasheet
218Kb / 6P
   850 nm, 50 MHz High Performance LED
logo
Ericsson
PTF10019 ERICSSON-PTF10019 Datasheet
322Kb / 6P
   70 Watts, 860-960 MHz GOLDMOS Field Effect Transistor
logo
World Produts Inc.
WPANT30105 WPI-WPANT30105 Datasheet
84Kb / 2P
   860 / 915 MHz Cellular
logo
Balluff Korea Ltd.
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
   UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
   UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
   UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
   UHF (860...960 MHz)
0.23_2021-09-10
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
   UHF (860...960 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com