Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSS932 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YSS932
Description  96kHz DIR Dolby Digital / Pro Logic II / DTS decoder Sub DSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS932 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YSS932 Datasheet HTML 7Page - YAMAHA CORPORATION YSS932 Datasheet HTML 8Page - YAMAHA CORPORATION YSS932 Datasheet HTML 9Page - YAMAHA CORPORATION YSS932 Datasheet HTML 10Page - YAMAHA CORPORATION YSS932 Datasheet HTML 11Page - YAMAHA CORPORATION YSS932 Datasheet HTML 12Page - YAMAHA CORPORATION YSS932 Datasheet HTML 13Page - YAMAHA CORPORATION YSS932 Datasheet HTML 14Page - YAMAHA CORPORATION YSS932 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
YSS932
11
/LOCK, ERR, DIRINT
The same data as LOCKN, DIRERR, DIRINT of DIR STATUS Register are output from /LOCK, ERR/BS,
DIRINT pins respectively.
The DIRERR data is output from ERR/BS pin at BSMOD=0 setting.
DBL
The information, whether the DDIN input signal is a double rate signal, is output from the DBL/V pin at
VMOD=0 setting.
If PLL in the DIR block is locked at double rate and the free-run mode is not used, "H" level is output.
If PLL in the DIR block is locked at normal rate or the free-run mode is used, "L" level is output.
1-5) Analog circuit for PLL in DIR block
DIRPCO, DIRPRO
These are capacitor and resistor connection pins for PLL in DIR block. As shown below, connect a 4700pF
capacitor and an 8.2k
Ω resistor between DIRPCO and AVSS as close as physically possible to DIRPCO and
a 5.1k
Ω resistor between DIRPRO and AVSS as close as physically possible to DIRPRO.
4700pF
5.1k
8.2k


Similar Part No. - YSS932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Similar Description - YSS932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJU26203 NJRC-NJU26203 Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com