Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDD05-12S2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RDD05-12S2
Description  DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RDD05-12S2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RDD05-12S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDD05-12S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RDD05-12S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RDD05-12S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-DC CONVERTER
RDD05 SERIES
5 ~ 6W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25
Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* Cooling: ...........................................
* Transient recovery time: ....................
* Temperature coefficient: ....................
* Dimension: ......................................
>150KHz
1,500VDC
>1G Ω(min.)
-25 to +71℃
-40 to +100℃
90℃
Free air convection
500µS, 25% load step change
±0.02% / ℃
31.8 x 20.3 x 12.7mm
INPUT SPECIFICATIONS
* Input voltage range / frequency: ........
* Input filter: .......................................
9 ~ 18VDC for 12V
18 ~ 36VDC for 24V
35 ~ 75VDC for 48V
Pi type
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Derating: .........................................
* Case material: ..................................
±2% at Vo_nom
No load for single output models
±20% for dual output models
±1% at Vo_nom
±2% (NL ~ FL) at Vo_nom for single output models
±3% (20% ~ FL) at Vo_nom for dual output models
20MHZ BW, 100 mV p-p (max.)
Up to 86%, see model list
See table 1
Plastic
CONTROL AND PROTECTION
* Output short circuit: .......................... Continuous


Similar Part No. - RDD05-12S2

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD05-12S2 CHINFA-RDD05-12S2 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12S2 CHINFA-RDD05-12S2 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12S2U CHINFA-RDD05-12S2U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12S2U CHINFA-RDD05-12S2U Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12S2U CHINFA-RDD05-12S2U Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD05-12S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD05 ETC1-FDD05 Datasheet
147Kb / 4P
   DC-DC CONVERTER 5 ~ 6W
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
HY-LINE Power Component...
P6Z243R3S HY-LINE-P6Z243R3S Datasheet
182Kb / 3P
   6W DC-DC Converter P6Z-Series
Rev: 8.07 f
P6M053R3S HY-LINE-P6M053R3S Datasheet
224Kb / 3P
   6W DC-DC Converter P6M-Series
Rev: 01.14 f
P6Y1205S HY-LINE-P6Y1205S Datasheet
102Kb / 2P
   6W DC-DC Converter P6Y-Series
Rev: 2.06 f
P6C053R3S HY-LINE-P6C053R3S Datasheet
167Kb / 3P
   6W DC-DC Converter P6C-Series
Rev: 02.14 f
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com