Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH16T245GQLR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVCH16T245GQLR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH16T245GQLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCH16T245GQLR Datasheet HTML 3Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 4Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 5Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 6Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 7Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 8Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 9Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 10Page - Texas Instruments SN74LVCH16T245GQLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74LVCH16T245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES635A – JULY 2005 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.6
21.2
1.1
8.8
0.8
6.2
0.6
4.4
ns
tPHL
tPLH
B
A
0.8
7.2
0.8
6.2
0.7
6.1
0.6
6
ns
tPHL
tPHZ
OE
A
1.6
8.2
1.6
8.2
1.6
8.2
1.6
8.2
ns
tPLZ
tPHZ
OE
B
2.1
29
1.7
10.3
1.5
8.8
0.8
6.3
ns
tPLZ
tPZH
OE
A
0.8
7.8
0.8
8.1
0.8
8.1
0.8
8.1
ns
tPZL
tPZH
OE
B
1.8
27.7
1.4
12.4
1.1
8.5
0.8
6.4
ns
tPZL
over recommended operating free-air temperature range, V
CCA = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.5
21.4
1
8.8
0.7
6
0.4
4.2
ns
tPHL
tPLH
B
A
0.7
7
0.4
4.8
0.3
4.5
0.3
4.3
ns
tPHL
tPHZ
OE
A
0.3
5.4
0.3
5.4
0.3
5.4
0.3
5.4
ns
tPLZ
tPHZ
OE
B
2
28.7
1.8
9.7
1.4
8
0.7
5.7
ns
tPLZ
tPZH
OE
A
0.7
6.4
0.7
6.4
0.7
6.4
0.7
6.4
ns
tPZL
tPZH
OE
B
1.5
27.6
1.3
11.4
1
8.1
0.9
6
ns
tPZL
T
A = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
A-port input, B-port output
2
2
2
3
CpdA(1)
CL = 0,
B-port input, A-port output
18
19
19
22
f = 10 MHz,
pF
A-port input, B-port output
18
19
20
22
tr = tf = 1 ns
CpdB(1)
B-port input, A-port output
2
2
2
2
(1)
Power dissipation capacitance per transceiver
7


Similar Part No. - SN74LVCH16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16T245GQLR TI-SN74LVCH16T245GQLR Datasheet
475Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com