Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-UH14 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-UH14
Description  T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-UH14 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-UH14 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-UH14 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Device Selection Guide, continued
Color,
Luminous Intensity,
Part
Typical
Dominant
Iv (mcd),[1,2]
Number
Viewing Angle,
Wavelength,
@ 20 mA
Leads with
Flanged
Package
HLMP-
2
θ1/2 (Deg.)[4]
λ
d (nm),
[3] Typ.
Min.
Typ.
Stand-Offs
Base
Drawing
UJ13
15
Orange, 605
700
1800
No
Yes
A
UJ14
15
Orange, 605
700
1800
Yes
Yes
C
DH15
15
Red-Orange, 615
1400
2500
No
Yes
A
GH15
15
Red-Orange, 615
1400
2500
No
No
B
DH17
15
Red-Orange, 615
1400
2500
Yes
Yes
C
GH17
15
Red-Orange, 615
1400
2500
Yes
No
D
UH13
15
Red-Orange, 615
500
1400
No
Yes
A
UH14
15
Red-Orange, 615
500
1400
Yes
Yes
C
DG15
15
Red, 626
1400
2100
No
Yes
A
GG15
15
Red, 626
1400
2100
No
No
B
DG17
15
Red, 626
1400
2100
Yes
Yes
C
GG17
15
Red, 626
1400
2100
Yes
No
D
UG13
15
Red, 626
500
1000
No
Yes
A
UG14
15
Red, 626
500
1000
Yes
Yes
C
DL24
23
Amber, 590
1000
1800
No
Yes
A
GL24
23
Amber, 590
1000
1800
No
No
B
DL26
23
Amber, 590
1000
1800
Yes
Yes
C
GL26
23
Amber, 590
1000
1800
Yes
No
D
UL22
23
Amber, 590
450
1000
No
Yes
A
UL23
23
Amber, 590
450
1000
Yes
Yes
C
DJ24
23
Orange, 605
1000
2000
No
Yes
A
GJ24
23
Orange, 605
1000
2000
No
No
B
DJ26
23
Orange, 605
1000
2000
Yes
Yes
C
GJ26
23
Orange, 605
1000
2000
Yes
No
D
UJ22
23
Orange, 605
290
1200
No
Yes
A
UJ23
23
Orange, 605
290
1200
Yes
Yes
C
DH24
23
Red-Orange, 615
700
1500
No
Yes
A
GH24
23
Red-Orange, 615
700
1500
No
No
B
DH26
23
Red-Orange, 615
700
1500
Yes
Yes
C
GH26
23
Red-Orange, 615
700
1500
Yes
No
D
UH22
23
Red-Orange, 615
290
900
No
Yes
A
UH23
23
Red-Orange, 615
290
900
Yes
Yes
C
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
5. The intensity of narrow viewing angle lamps is measured at the intensity peak.


Similar Part No. - HLMP-UH14

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-UH14

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com