Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH16T245DLG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVCH16T245DLG4
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH16T245DLG4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVCH16T245DLG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16T245DLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Recommended Operating Conditions
(1) (2) (3)
SN74LVCH16T245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES635A – JULY 2005 – REVISED AUGUST 2005
VCCI
VCCO
MIN
MAX
UNIT
VCCA
1.65
5.5
Supply voltage
V
VCCB
1.65
5.5
1.65 V to 1.95 V
VCCI × 0.65
2.3 V to 2.7 V
1.7
High-level
VIH
Data inputs(4)
V
input voltage
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCI × 0.7
1.65 V to 1.95 V
VCCI × 0.35
2.3 V to 2.7 V
0.7
Low-level
VIL
Data inputs(4)
V
input voltage
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCI × 0.3
1.65 V to 1.95 V
VCCA × 0.65
2.3 V to 2.7 V
1.7
High-level
Control inputs
VIH
V
input voltage
(referenced to VCCA)(5)
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCA × 0.7
1.65 V to 1.95 V
VCCA × 0.35
2.3 V to 2.7 V
0.7
Low-level
Control inputs
VIL
V
input voltage
(referenced to VCCA)(5)
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
Control inputs
0
5.5
V
Active state
0
VCCO
VI/O
Input/output voltage
V
3-State
0
5.5
1.65 V to 1.95 V
–4
2.3 V to 2.7 V
–8
IOH
High-level output current
mA
3 V to 3.6 V
–24
4.5 V to 5.5 V
–32
1.65 V to 1.95 V
4
2.3 V to 2.7 V
8
IOL
Low-level output current
mA
3 V to 3.6 V
24
4.5 V to 5.5 V
32
1.65 V to 1.95 V
20
2.3 V to 2.7 V
20
Input transition
∆t/∆v
Data inputs
ns/V
rise or fall rate
3 V to 3.6 V
10
4.5 V to 5.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the data input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused control inputs of the device must be held at VCCA GND to ensure proper device operation and minimize power consumption.
Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(5)
For VCCA values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
4


Similar Part No. - 74LVCH16T245DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH16T245DLG4 TI-74LVCH16T245DLG4 Datasheet
475Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH16T245DLG4 TI1-74LVCH16T245DLG4 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
More results

Similar Description - 74LVCH16T245DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com