Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2301N Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP2301N
Description  P-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2301N Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP2301N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2301N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2301N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2301N Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AP2301N
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.1
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-5V, ID=-2.8A
-
-
130
VGS=-2.8V, ID=-2.0A
-
-
190
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.5
-
-
V
gfs
Forward Transconductance
VDS=-5V, ID=-2.8A
-
4.4
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-20V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-16V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=±12V
-
-
nA
Qg
Total Gate Charge
2
ID=-2.8A
-
5.2
10
nC
Qgs
Gate-Source Charge
VDS=-6V
-
1.36
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-5V
-
0.6
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
5.2
-
ns
tr
Rise Time
ID=-1A
-
9.7
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-10V
-
19
-
ns
tf
Fall Time
RD=15Ω
-29
-
ns
Ciss
Input Capacitance
VGS=0V
-
295
-
pF
Coss
Output Capacitance
VDS=-6V
-
170
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
65
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=-1.2V
-
-
-1
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
-10
A
VSD
Forward On Voltage
2
Tj=25℃, IS=-1.6A, VGS=0V
-
-
-1.2
V
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 270℃/W when mounted on min. copper pad.
±100


Similar Part No. - AP2301N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP2301N VBSEMI-AP2301N Datasheet
1,023Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Advanced Power Electron...
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
   Small Package Outline
More results

Similar Description - AP2301N

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com